Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE3001 Arkusz danych (PDF) - NTE Electronics

NTE3001 Datasheet PDF - NTE Electronics
Numer części NTE3001
Pobierz  NTE3001 Pobierz

Rozmiar pliku   19.34 Kbytes
Page   2 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Light Emitting Diode Miniature, Diffused Red

NTE3001 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
NTE3001 Datasheet PDF - NTE Electronics

Numer części NTE3001
Pobierz  NTE3001 Click to download

Rozmiar pliku   19.34 Kbytes
Page   2 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Light Emitting Diode Miniature, Diffused Red

NTE3001 Arkusz danych (HTML) - NTE Electronics

NTE3001 Datasheet HTML 1Page - NTE Electronics NTE3001 Datasheet HTML 2Page - NTE Electronics

NTE3001 Szczegóły Produktu

Description:

The NTE3001 is a diffused Gallium Arsenide Phosphide diode mounted in a two lead epoxy package with a red diffused lens. On forward bias, this device emits a spectrally narrow band of visible light which peaks at 660nm.

The NTE3001 is intended for high volume indicator light applications where low cost, high reliability, and top performance are required. Major usage is in applications such as diagnostic lights on printed circuit boards and panel lights. This device can be used to displace subminiature lamps as small as T3/4 size



Features:

● Low Cost

● Bright

● Compatible with Integrated Circuits

● Long Life, Rugged

● Small Size: T–3/4

● Easily Assembled in Arrays



Absolute Maximum Ratings:

Power Dissipation (TA = +25°C)  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .80mW

Derate linearly from 25°C  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.6mW/°C

Forward Current

Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA

Peak (1µsec pulse width, 0.3% duty cycle)  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.0A

Reverse Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0V

Operating Temperature Range  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55° to 100°C

Storage Temperature Range  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –55° to 100°C

Lead Temperature (During Soldering, 5sec max, Note 1)  . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +230°C




Podobny numer części - NTE3001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE30010 NTE-NTE30010 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30012 NTE-NTE30012 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30013 NTE-NTE30013 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
More results


Podobny opis - NTE3001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE3000 NTE-NTE3000 Datasheet
18Kb / 2P
   Light Emitting Diode Miniature, Clear Red
NTE3019 NTE-NTE3019 Datasheet
67Kb / 2P
   Light Emitting Diode (LED) Red Diffused, 5mm
NTE3018 NTE-NTE3018 Datasheet
55Kb / 2P
   Light Emitting Diode (LED) Red Diffused, 5mm
NTE3030 NTE-NTE3030 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) Diffused Red, Blinking
logo
Micropac Industries
62196 MICROPAC-62196 Datasheet
77Kb / 2P
   RED LIGHT EMITTING DIODE
logo
Panasonic Semiconductor
LN145W PANASONIC-LN145W Datasheet
26Kb / 1P
   GaAlAs Red Light Emitting Diode
LNA4501F PANASONIC-LNA4501F Datasheet
41Kb / 2P
   GaAlAs Red Light Emitting Diode
logo
Roithner LaserTechnik G...
RC650-TO46FW ROITHNER-RC650-TO46FW Datasheet
451Kb / 3P
   red resonant cavity light emitting diode
logo
NTE Electronics
NTE3130 NTE-NTE3130 Datasheet
88Kb / 2P
   Light Emitting Diode - 5mm Blinking Yellow, Diffused
NTE3131 NTE-NTE3131 Datasheet
50Kb / 2P
   Light Emitting Diode - 5mm Blinking Yellow, Diffused
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com