Producent | Numer części | Arkusz danych | Szczegółowy opis |
PHOENIX CONTACT |
SIM-EI-230AC
|
66Kb / 4P |
Input solid-state relay, with protective circuit in input and output circuits, input: 230 V AC, output: 8 - 48 V DC/100 mA
|
SIM-EI-60DC
|
77Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/100 mA
|
SIM-EI-12DC
|
77Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 12 V DC, output: 8 - 48 V DC/100 mA
|
SIM-EI-110DC
|
77Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 110 V DC, output: 8 - 48 V DC/100 mA
|
SIM-EI-5DC
|
83Kb / 5P |
Input solid-state relay, with protective circuit in input and output circuits, input: 5 V DC, output: TTL logic level, max. 100 mA
|
ST-OE2-120AC
|
97Kb / 5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OE3-60DC
|
106Kb / 6P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OE2-220DC
|
95Kb / 5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OE3-24DC
|
106Kb / 6P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 24 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OE2-110DC
|
97Kb / 5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|