Producent | Numer części | Arkusz danych | Szczegółowy opis |
PHOENIX CONTACT |
ST-REL7-HW230
|
69Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL4-HW230
|
87Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-HW42
|
78Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-HW24
|
77Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL4-HW24
|
87Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL7-HW24
|
69Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL7-HW120
|
70Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 120 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-HG220
|
78Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
|
ST-REL7-HW60
|
69Kb / 4P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 60 V AC, with light indicator, can be plugged on basic termination blocks
|
ST-REL3-HG110
|
123Kb / 5P |
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
|