Producent | Numer części | Arkusz danych | Szczegółowy opis |
PHOENIX CONTACT |
ST-OE3-60DC
|
106Kb / 6P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OE2-110DC
|
97Kb / 5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OE3-24DC
|
106Kb / 6P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 24 V DC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OE2-120AC
|
97Kb / 5P |
Plug-in input solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 8 - 48 V DC/max. 100 mA, can be plugged into basic terminal blocks
|
ST-OV3-5DC
|
103Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 5 V DC, output: 15 - 220 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV2-220DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 220 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV2-60DC
|
93Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV3-60DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 48 - 60 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks
|
ST-OV3-120AC
|
103Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 120 V AC, output: 15 - 220 V DC/max. 1 A, can be plugged into basic terminal blocks
|
ST-OV3-110DC
|
95Kb / 5P |
Plug-in power solid-state relay, with LED and protective circuit in input and output circuits, input: 110 V DC, output: 12 - 60 V DC/max. 3 A, can be plugged into basic terminal blocks
|