Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1714765 Arkusz danych (PDF) - PHOENIX CONTACT

1714765 Datasheet PDF - PHOENIX CONTACT
Numer części 1714765
Pobierz  1714765 Pobierz

Rozmiar pliku   64.5 Kbytes
Page   2 Pages
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Szczegółowy opis PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin

1714765 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
1714765 Datasheet PDF - PHOENIX CONTACT

Numer części 1714765
Pobierz  1714765 Click to download

Rozmiar pliku   64.5 Kbytes
Page   2 Pages
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Szczegółowy opis PCB connector, number of positions: 32, pitch: 6.35 mm, color: light gray, contact surface: Tin

1714765 Arkusz danych (HTML) - PHOENIX CONTACT

1714765 Datasheet HTML 1Page - PHOENIX CONTACT 1714765 Datasheet HTML 2Page - PHOENIX CONTACT



Podobny numer części - 1714765

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
171472630B-F ETC2-171472630B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
171472630C-F ETC2-171472630C-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
logo
Cornell Dubilier Electr...
171472J630B-F CDE-171472J630B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
171472J630C-F CDE-171472J630C-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
171472K630B-F CDE-171472K630B-F Datasheet
190Kb / 3P
   Radial Box Metallized Polypropylene Capacitors
More results


Podobny opis - 1714765

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
   Connector housing, Number of positions: 1, Color: gray
2713645 PHOENIX-2713645 Datasheet
67Kb / 3P
   DIN rail connector, nominal current: 8 A, number of positions: 5, pitch: 3.81 mm, color: light gray
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
2890179 PHOENIX-2890179 Datasheet
47Kb / 3P
   Complete housing, Cross connection: DIN rail bus connector, Color: light gray, Width: 45 mm, Constructional height: 114.5 mm, Number of positions cross connector: 5
0201469 PHOENIX-0201469 Datasheet
42Kb / 2P
   Fixed bridge, Number of positions: 3, Color: silver
0201650 PHOENIX-0201650 Datasheet
42Kb / 2P
   Fixed bridge, Number of positions: 100, Color: silver
0201472 PHOENIX-0201472 Datasheet
43Kb / 2P
   Fixed bridge, Number of positions: 100, Color: silver
0201524 PHOENIX-0201524 Datasheet
58Kb / 2P
   Fixed bridge, Number of positions: 100, Color: aluminum
3213254 PHOENIX-3213254 Datasheet
49Kb / 2P
   Reducing bridge, pitch: 10 mm, length: 37.2 mm, width: 16.1 mm, number of positions: 2, color: red
3070322 PHOENIX-3070322 Datasheet
53Kb / 2P
   Switching jumper, with test socket, pitch: 8.2 mm, number of positions: 3, color: orange
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com