Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE912 Arkusz danych (PDF) - NTE Electronics

NTE912 Datasheet PDF - NTE Electronics
Numer części NTE912
Pobierz  NTE912 Pobierz

Rozmiar pliku   29.84 Kbytes
Page   3 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Integrated Circuit General Purpose Transistor Array (Three Isolated Transistors and One Differentially-Connected Transistor Pair)

NTE912 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
NTE912 Datasheet PDF - NTE Electronics

Numer części NTE912
Pobierz  NTE912 Click to download

Rozmiar pliku   29.84 Kbytes
Page   3 Pages
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics
Szczegółowy opis Integrated Circuit General Purpose Transistor Array (Three Isolated Transistors and One Differentially-Connected Transistor Pair)

NTE912 Arkusz danych (HTML) - NTE Electronics

NTE912 Datasheet HTML 1Page - NTE Electronics NTE912 Datasheet HTML 2Page - NTE Electronics NTE912 Datasheet HTML 3Page - NTE Electronics

NTE912 Szczegóły Produktu

Description:

The NTE912 consists of five general–purpose silicon NPN transistors on a common monolithic substrate in a 14–Lead DIP type package. Two of the transistors are internally connected to form a differentially–connected pair.

The transistors of the NTE912 are well suited to a wide variety of applications in low power systems in the DC through VHF range. They may be used as discrete transistors in conventional circuits. How ever, in addition, they provide the very significant inherent integrated circuit advantages of close elec trical and thermal matching.



Features:

● Two Matched Pairs of Transistors:

   VBE matched ±5mV

   Input Offset Current 2µA Max. @ IC = 1mA

● 5 General Purpose Monolithic Transistors

● Operation from DC to 120MHz

● Wide Operating Current Range

● Low Noise Figure: 3.2dB Typ @ 1kHz



Applications:

● General Use In All Types of Signal Processing Systems Operating Anywhere in the Frequency Range from DC to VHF

● Custom Designed Differential Amplifiers

● Temperature Compensated Amplifiers



 




Podobny numer części - NTE912

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE91 NTE-NTE91 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
   Integrated Circuit Dual Voltage Comparator
NTE914 NTE-NTE914 Datasheet
29Kb / 4P
   Integrated Circuit Zero-Voltage Switch
NTE915 NTE-NTE915 Datasheet
84Kb / 3P
   Integrated Circuit High−Speed Operational Amplifier
NTE916 NTE-NTE916 Datasheet
23Kb / 2P
   Integrated Circuit High Current, NPN Transistor Array, Common Emitter
More results


Podobny opis - NTE912

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC3346 ONSEMI-MC3346 Datasheet
147Kb / 5P
   General Purpose Transistor Array One Differentially Connected Pair
July, 2006 ??Rev. 2
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
NTE Electronics
NTE904 NTE-NTE904 Datasheet
30Kb / 3P
   Integrated Circuit General Purpose Transistor Array (Two Isolated Transistors and a Darlington Connected Transistor Pair)
logo
Shenzhen Jin Yu Semicon...
UML6N HTSEMI-UML6N Datasheet
546Kb / 2P
   General purpose transistors (Isolated transistor and diode)
logo
Rohm
EMD29 ROHM-EMD29 Datasheet
183Kb / 6P
   General purpose transistor (isolated transistors)
EMD30 ROHM-EMD30 Datasheet
192Kb / 6P
   General purpose transistor (isolated transistors)
EMD28 ROHM-EMD28 Datasheet
186Kb / 6P
   General purpose transistor (isolated transistors)
EMD29 ROHM-EMD29_1 Datasheet
168Kb / 6P
   General purpose transistor (isolated transistors)
EMD30 ROHM-EMD30_08 Datasheet
129Kb / 6P
   General purpose transistor (isolated transistors)
EMD29 ROHM-EMD29_08 Datasheet
127Kb / 6P
   General purpose transistor (isolated transistors)
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com