Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2959793 Arkusz danych (PDF) - PHOENIX CONTACT

2959793 Datasheet PDF - PHOENIX CONTACT
Numer części 2959793
Pobierz  2959793 Pobierz

Rozmiar pliku   83.65 Kbytes
Page   3 Pages
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Szczegółowy opis Side element with foot, however without PCB guide, labeling with SSZB, mounted along the length of the DIN rail NS 35/7.5. Height: 36 mm, width: 10 mm, length: 45 mm.

2959793 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
2959793 Datasheet PDF - PHOENIX CONTACT

Numer części 2959793
Pobierz  2959793 Click to download

Rozmiar pliku   83.65 Kbytes
Page   3 Pages
Producent  PHOENIX [PHOENIX CONTACT]
Strona internetowa  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Szczegółowy opis Side element with foot, however without PCB guide, labeling with SSZB, mounted along the length of the DIN rail NS 35/7.5. Height: 36 mm, width: 10 mm, length: 45 mm.

2959793 Arkusz danych (HTML) - PHOENIX CONTACT

2959793 Datasheet HTML 1Page - PHOENIX CONTACT 2959793 Datasheet HTML 2Page - PHOENIX CONTACT 2959793 Datasheet HTML 3Page - PHOENIX CONTACT



Podobny numer części - 2959793

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
2959706 PHOENIX-2959706 Datasheet
122Kb / 3P
   Side element, with foot, tall version, right-hand, for 60 mm wide U-shaped cover.
2959719 PHOENIX-2959719 Datasheet
59Kb / 3P
   Side element, with foot, tall version, right-hand, for 73 mm wide U-shaped cover.
2959722 PHOENIX-2959722 Datasheet
121Kb / 3P
   Side element, with foot, tall version, left-hand, for 60 mm wide U-shaped cover.
2959735 PHOENIX-2959735 Datasheet
173Kb / 3P
   Side element - UM108-SEFE/L-A73
2959748 PHOENIX-2959748 Datasheet
55Kb / 3P
   Side element, without foot, tall version, for 60 mm wide U-shaped cover.
More results


Podobny opis - 2959793

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PHOENIX CONTACT
2906487 PHOENIX-2906487 Datasheet
83Kb / 3P
   Side element, left, with foot, width: 5 mm, length: 72 mm, for mounting on NS 32 or NS 35/7.5, with PE contact to the DIN rail
2959353 PHOENIX-2959353 Datasheet
59Kb / 3P
   Side element, right, with foot, width: 5 mm, width: 72 mm, for mounting on NS 32 or NS 35/7.5
2955564 PHOENIX-2955564 Datasheet
123Kb / 4P
   Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, with ribs, L = 35 mm
2200159 PHOENIX-2200159 Datasheet
55Kb / 2P
   Lateral element (right) with mounting foot for DIN rails for UM-PRO profiles for PCB the width of 108 mm
3274054 PHOENIX-3274054 Datasheet
51Kb / 2P
   DIN rail adapter, width: 28.6 mm, height: 11 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2970031 PHOENIX-2970031 Datasheet
84Kb / 3P
   Foot element, for mounting on DIN rail NS 32 or DIN rail NS 35/7.5, can be inserted between base and side element
3274057 PHOENIX-3274057 Datasheet
50Kb / 2P
   DIN rail adapter, with end stop function, width: 10.3 mm, height: 12 mm, color: gray, mounting type: NS 35/7,5, NS 35/15
2956660 PHOENIX-2956660 Datasheet
50Kb / 2P
   Base element with snap-on foot, for mounting on NS 32 or NS 35/7.5 DIN rail, without ribs, L = 35mm
0801730 PHOENIX-0801730 Datasheet
48Kb / 1P
   DIN rail, width: 53 mm, height: 80 mm
2709370 PHOENIX-2709370 Datasheet
88Kb / 3P
   Side element with foot, low-profile design, left, for 73 mm wide Ushaped cover, with PE contact to the DIN rail.
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com