Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-CCD1201MC Arkusz danych (PDF) - DATEL, Inc.

ADS-CCD1201MC Datasheet PDF - DATEL, Inc.
Numer części ADS-CCD1201MC
Pobierz  ADS-CCD1201MC Pobierz

Rozmiar pliku   101.96 Kbytes
Page   1 Pages
Producent  DATEL [DATEL, Inc.]
Strona internetowa  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Szczegółowy opis Electronic Imaging

ADS-CCD1201MC Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADS-CCD1201MC Datasheet PDF - DATEL, Inc.

Numer części ADS-CCD1201MC
Pobierz  ADS-CCD1201MC Click to download

Rozmiar pliku   101.96 Kbytes
Page   1 Pages
Producent  DATEL [DATEL, Inc.]
Strona internetowa  http://www.datel.com/
Logo DATEL - DATEL, Inc.
Szczegółowy opis Electronic Imaging

ADS-CCD1201MC Arkusz danych (HTML) - DATEL, Inc.

ADS-CCD1201MC Datasheet HTML 1Page - DATEL, Inc.

ADS-CCD1201MC Szczegóły Produktu

GENERAL DESCRIPTION
The functionally complete, easy-to-use ADS-CCD1201 is a 12-bit, 1.2MHz Sampling A/D Converter whose performance and production testing have been optimized for use in electronic imaging applications, particularly those employing charge coupled devices (CCD’s) as their photodetectors. The ADS-CCD1201 delivers the lowest noise (400µVrms) and the best differential nonlinearity error (±0.35LSB max.) of any commercially available 12-bit A/D in its speed class. It can respond to full scale input steps (from empty to full well) with less than a single count of error, and its input is immune to overvoltages that may occur due to blooming.

FEATURES
• Unipolar input range (0 to +10V)
• 1.2MHz sampling rate
• 4096-to-1 dynamic range (72.2dB)
• Low noise, 400µVrms (1/6 of an LSB)
• Outstanding differential nonlinearity error (±0.35 LSB max.)
• Small, 24-pin ceramic DDIP
• Low power, 1.7 Watts
• Operates from ±12V or ±15V supplies
• Edge-triggered, no pipeline delay




Podobny numer części - ADS-CCD1201MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&D Technologies
ADS-CCD1201MC CANDD-ADS-CCD1201MC Datasheet
374Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D Optimized for CCD Appl
logo
Murata Power Solutions ...
ADS-CCD1201MC MURATA-PS-ADS-CCD1201MC Datasheet
138Kb / 8P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
logo
DATEL, Inc.
ADS-CCD1201MC DATEL-ADS-CCD1201MC Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MC-C DATEL-ADS-CCD1201MC-C Datasheet
279Kb / 9P
   12-Bit, 1.2MHz, Sampling A/D?셲 Optimized for CCD Applications
ADS-CCD1201MC-C DATEL-ADS-CCD1201MC-C Datasheet
101Kb / 1P
   Electronic Imaging
More results


Podobny opis - ADS-CCD1201MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADCDS-1403EX-C DATEL-ADCDS-1403EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201-C883 DATEL-ADS-CCD1201-C883 Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201G883 DATEL-ADS-CCD1201G883 Datasheet
102Kb / 1P
   Electronic Imaging
ADCDS-1410EX-C DATEL-ADCDS-1410EX-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201GE-C DATEL-ADS-CCD1201GE-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201GM DATEL-ADS-CCD1201GM Datasheet
102Kb / 1P
   Electronic Imaging
ADS-CCD1201ME-C DATEL-ADS-CCD1201ME-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1201MM-C DATEL-ADS-CCD1201MM-C Datasheet
101Kb / 1P
   Electronic Imaging
ADS-CCD1202GM-C DATEL-ADS-CCD1202GM-C Datasheet
102Kb / 1P
   Electronic Imaging
ADS-CCD1202ME-C DATEL-ADS-CCD1202ME-C Datasheet
101Kb / 1P
   Electronic Imaging
CDS-1401MC DATEL-CDS-1401MC Datasheet
100Kb / 1P
   Electronic Imaging
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com