Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U053-000-OTG Arkusz danych (PDF) - Tripp Lite. All Rights Reserved

U053-000-OTG Datasheet PDF - Tripp Lite. All Rights Reserved
Numer części U053-000-OTG
Pobierz  U053-000-OTG Pobierz

Rozmiar pliku   170.54 Kbytes
Page   2 Pages
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Szczegółowy opis 2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female

U053-000-OTG Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
U053-000-OTG Datasheet PDF - Tripp Lite. All Rights Reserved

Numer części U053-000-OTG
Pobierz  U053-000-OTG Click to download

Rozmiar pliku   170.54 Kbytes
Page   2 Pages
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Szczegółowy opis 2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female

U053-000-OTG Arkusz danych (HTML) - Tripp Lite. All Rights Reserved

U053-000-OTG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U053-000-OTG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved



Podobny numer części - U053-000-OTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
U050-003 TRIPPLITE-U050-003 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 3-ft.
U050-003-COIL TRIPPLITE-U050-003-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Micro-B Coiled Cable (M/M), 3 ft.
U050-003-GY-MAX TRIPPLITE-U050-003-GY-MAX Datasheet
180Kb / 3P
   Heavy-Duty USB-A to USB Micro-B Cable - M/M, USB 2.0, UHMWPE and Aramid Fibers, Gray, 3 ft. (0.9 m)
U050-006 TRIPPLITE-U050-006 Datasheet
155Kb / 2P
   USB 2.0 A to Micro-B Cable (M/M), 6-ft.
U050-006-COIL TRIPPLITE-U050-006-COIL Datasheet
159Kb / 2P
   USB 2.0 A to Micro-B Coiled Cable (M/M), 6 ft.
More results


Podobny opis - U053-000-OTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rosenberger Hochfrequen...
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Tripp Lite. All Rights ...
U050-07N-OTG TRIPPLITE-U050-07N-OTG Datasheet
159Kb / 2P
   USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male Micro-B Male to Micro-B Male, 7-in.
U05007NOTG TRIPPLITE-U05007NOTG Datasheet
488Kb / 2P
   USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male plus Micro-B Male to Micro-B Male, 7-in
U052-06N-OTG-AM TRIPPLITE-U052-06N-OTG-AM Datasheet
159Kb / 2P
   USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male Micro-B Male to A Female, 6-in.
logo
Qualtek Electronics Cor...
3023031-03M QUALTEK-3023031-03M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
logo
Tripp Lite. All Rights ...
U040-06N-MIC-F TRIPPLITE-U040-06N-MIC-F Datasheet
499Kb / 2P
   USB 2.0 Hi-Speed Adapter Cable, USB Type-C (USB-C) Male to USB Micro-B Female), 6-in.
logo
Qualtek Electronics Cor...
3023007-01M QUALTEK-3023007-01M Datasheet
567Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
3023019-02M QUALTEK-3023019-02M Datasheet
566Kb / 1P
   MICRO USB 3.0 A B/M - MICRO USB 3.0 B/M
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
   Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com