Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP32D Arkusz danych (PDF) - ON Semiconductor

MC10EP32D Datasheet PDF - ON Semiconductor
Numer części MC10EP32D
Pobierz  MC10EP32D Pobierz

Rozmiar pliku   89.31 Kbytes
Page   8 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis 첨2 Divider

MC10EP32D Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
MC10EP32D Datasheet PDF - ON Semiconductor

Numer części MC10EP32D
Pobierz  MC10EP32D Click to download

Rozmiar pliku   89.31 Kbytes
Page   8 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis 첨2 Divider

MC10EP32D Arkusz danych (HTML) - ON Semiconductor

MC10EP32D Datasheet HTML 1Page - ON Semiconductor MC10EP32D Datasheet HTML 2Page - ON Semiconductor MC10EP32D Datasheet HTML 3Page - ON Semiconductor MC10EP32D Datasheet HTML 4Page - ON Semiconductor MC10EP32D Datasheet HTML 5Page - ON Semiconductor MC10EP32D Datasheet HTML 6Page - ON Semiconductor MC10EP32D Datasheet HTML 7Page - ON Semiconductor MC10EP32D Datasheet HTML 8Page - ON Semiconductor

MC10EP32D Szczegóły Produktu

Description
The MC10/100EP32 is an integrated ÷2 divider with differential CLK inputs.
The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01μF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge.
Upon power-up, the internal flip-flops will attain a random state; the reset allows for the synchronization of multiple EP32’s in a system.
The 100 Series contains temperature compensation.

Features
• 350 ps Typical Propagation Delay
• Maximum Frequency > 4 GHz Typical (Figure 3)
• PECL Mode Operating Range:
   ♦ VCC = 3.0 V to 5.5 V with VEE = 0 V
• NECL Mode Operating Range:
   ♦ VCC = 0 V with VEE = −3.0 V to −5.5 V
• Open Input Default State
• Safety Clamp on Inputs
• Q Output Will Default LOW with Inputs Open or at VEE
• These Devices are Pb-Free, Halogen Free and are RoHS Compliant




Podobny numer części - MC10EP32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP32D ONSEMI-MC10EP32D Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EP32D ONSEMI-MC10EP32D Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32D ONSEMI-MC10EP32D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EP32DG ONSEMI-MC10EP32DG Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EP32DG ONSEMI-MC10EP32DG Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
More results


Podobny opis - MC10EP32D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC100LVEL32 ONSEMI-MC100LVEL32 Datasheet
58Kb / 4P
   첨2 Divider
April, 2000 ??Rev. 1
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
More results




O ON Semiconductor


„ON Semiconductor to firma notowana publicznie, która projektuje, rozwija i produkuje szeroką gamę produktów półprzewodnikowych dla różnych aplikacji, w tym rynków motoryzacyjnych, komputerowych, towarów konsumpcyjnych, przemysłowych i komunikacyjnych.
Firma została założona w 1999 roku i ma siedzibę w Phoenix w Arizonie.
Na półprzewodnikach oferuje szerokie portfolio zarządzania energią, analogowe i dyskretne półprzewodniki, w tym między innymi MOSFETEM, diod, prostowników, regulatorów napięcia.
Produkty firmy są zaprojektowane tak, aby były energooszczędne, niezawodne i opłacalne i są wykorzystywane w różnych aplikacjach, w tym w przenośnej elektronice, systemach automatyzacji przemysłowej, systemach energii odnawialnej i elektronice motoryzacyjnej.
Na półprzewodnikach jest zaangażowany w innowacje i satysfakcję klientów i jest zaangażowany w zapewnianie najlepszych rozwiązań półprzewodników w celu zaspokojenia potrzeb naszych klientów ”.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com