Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

X1227S8IZ-2.7 Arkusz danych (PDF) - Intersil Corporation

X1227S8IZ-2.7 Datasheet PDF - Intersil Corporation
Numer części X1227S8IZ-2.7
Pobierz  X1227S8IZ-2.7 Pobierz

Rozmiar pliku   422.39 Kbytes
Page   28 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM

X1227S8IZ-2.7 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
X1227S8IZ-2.7 Datasheet PDF - Intersil Corporation

Numer części X1227S8IZ-2.7
Pobierz  X1227S8IZ-2.7 Click to download

Rozmiar pliku   422.39 Kbytes
Page   28 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM

X1227S8IZ-2.7 Arkusz danych (HTML) - Intersil Corporation

Back Button X1227S8IZ-2.7 Datasheet HTML 1Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 2Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 3Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 4Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 5Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 6Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 7Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 8Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 9Page - Intersil Corporation X1227S8IZ-2.7 Datasheet HTML 10Page - Intersil Corporation Next Button 

X1227S8IZ-2.7 Szczegóły Produktu

DESCRIPTION

The X1227 device is a Real Time Clock with clock/calendar, two polled alarms with integrated 512x8 EEPROM, oscillator compensation, CPU Supervisor (POR/LVS and WDT) and battery backup switch.



FEATURES

• Real Time Clock/Calendar

  — Tracks Time in Hours, Minutes, and Seconds

  — Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

  — Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

  — Repeat Mode (periodic interrupts)

• Oscillator Compensation on Chip

  — Internal Feedback Resistor and Compensation Capacitors

  — 64 Position Digitally Controlled Trim Capacitor

  — 6 Digital Frequency Adjustment Settings to ±30ppm

• CPU Supervisor Functions

  — Power-On Reset, Low Voltage Sense

  — Watchdog Timer (SW Selectable: 0.25s, 0.75s, 1.75s, off)

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

  — 64-Byte Page Write Mode

  — 8 Modes of Block Lock™ Protection 

  — Single Byte Write Capability

• High Reliability

  — Data Retention: 100 Years

  — Endurance: 100,000 Cycles Per Byte

• 2-Wire™ Interface Interoperable with I2C*

  — 400kHz Data Transfer Rate

• Low Power CMOS

  — 1.25µA Operating Current (Typical)

• Small Package Options

  — 8 Ld SOIC and 8 Ld TSSOP

• Repetitive Alarms

• Temperature Compensation

• Pb-Free Plus Anneal Available (RoHS Compliant)



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio/Video Components

• Set Top Box/Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers/PDA

• POS Equipment

• Test Meters/Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial/Medical/Automotive



 




Podobny numer części - X1227S8IZ-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1227S8IZ-2.7 INTERSIL-X1227S8IZ-2.7 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8IZ-2.7 RENESAS-X1227S8IZ-2.7 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227S8IZ-2.7A INTERSIL-X1227S8IZ-2.7A Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227S8IZ-2.7A RENESAS-X1227S8IZ-2.7A Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
More results


Podobny opis - X1227S8IZ-2.7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1286 RENESAS-X1286 Datasheet
1Mb / 25P
   2-Wire??RTC, 256k (32k x 8) Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228 RENESAS-X1228 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com