Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CRCW060333R0FKEA Arkusz danych (PDF) - NXP Semiconductors

CRCW060333R0FKEA Datasheet PDF - NXP Semiconductors
Numer części CRCW060333R0FKEA
Pobierz  CRCW060333R0FKEA Pobierz

Rozmiar pliku   456.37 Kbytes
Page   20 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis Heterojunction Bipolar Transistor Technology (InGaP HBT)

CRCW060333R0FKEA Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
CRCW060333R0FKEA Datasheet PDF - NXP Semiconductors

Numer części CRCW060333R0FKEA
Pobierz  CRCW060333R0FKEA Click to download

Rozmiar pliku   456.37 Kbytes
Page   20 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis Heterojunction Bipolar Transistor Technology (InGaP HBT)

CRCW060333R0FKEA Arkusz danych (HTML) - NXP Semiconductors

Back Button CRCW060333R0FKEA Datasheet HTML 1Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 2Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 3Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 4Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 5Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 6Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 7Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 8Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 9Page - NXP Semiconductors CRCW060333R0FKEA Datasheet HTML 10Page - NXP Semiconductors Next Button 

CRCW060333R0FKEA Szczegóły Produktu

Heterojunction Bipolar Transistor Technology (InGaP HBT)
Broadband High Linearity Amplifier

The MMG3005NT1 is a general purpose amplifier that is internally prematched and designed for a broad range of Class A, small--signal, high linearity, general purpose applications. It is suitable for applications with frequencies from 800 to 2200 MHz such as cellular, PCS, WLL, PHS, VHF, UHF, UMTS and general small--signal RF.

Features
• Frequency: 800--2200 MHz
• P1dB: 30 dBm @ 2140 MHz
• Small--Signal Gain: 15 dB @ 2140 MHz
• Third Order Output Intercept Point: 47 dBm @ 2140 MHz
• Single 5 V Supply
• Internally Prematched to 50 Ohms
• In Tape and Reel. T1 Suffix = 1,000 Units, 16 mm Tape Width, 13--inch Reel.




Podobny numer części - CRCW060333R0FKEA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
CRCW0603330RFK INFINEON-CRCW0603330RFK Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
logo
Analog Devices
CRCW0603330RJNEA AD-CRCW0603330RJNEA Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
logo
Vishay Siliconix
CRCW0603332RFKEA VISHAY-CRCW0603332RFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
logo
Infineon Technologies A...
CRCW060333K0FK INFINEON-CRCW060333K0FK Datasheet
2Mb / 20P
   Single-channel isolated gate driver IC with adjustable DESAT and soft-off
v1.0 2020-05-27
More results


Podobny opis - CRCW060333R0FKEA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results




O NXP Semiconductors


NXP Semiconductors to publicznie notowana międzynarodowa firma, która projektuje, rozwija i produkuje szeroką gamę półprzewodników i zintegrowanych obwodów dla różnych aplikacji, w tym rynków motoryzacyjnych, przemysłowych, komunikacyjnych i konsumenckich.

Firma została założona w 2006 roku i ma siedzibę w Eindhoven w Holandii.

NXP oferuje szerokie portfolio produktów, w tym między innymi mikrokontrolery, mikroprocesory, bezpieczne układy uwierzytelniające, systemy zarządzania energią, RF i komponenty mikrofalowe oraz rozwiązania czujników.

Produkty firmy są zaprojektowane tak, aby były energooszczędne, bezpieczne i niezawodne, i są wykorzystywane w różnych aplikacjach, w tym w systemach motoryzacyjnych, automatyzacji i kontroli przemysłowej, inteligentnych domach i budynkach oraz podłączonych urządzeniach.

NXP jest poświęcony innowacjom i zadowoleniu klientów i jest zaangażowany w zapewnianie swoim klientom najlepszych rozwiązań półprzewodników w celu zaspokojenia ich potrzeb.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com