Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1117L3 Arkusz danych (PDF) - Cystech Electonics Corp.

LM1117L3 Datasheet PDF - Cystech Electonics Corp.
Numer części LM1117L3
Pobierz  LM1117L3 Pobierz

Rozmiar pliku   185.11 Kbytes
Page   4 Pages
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Szczegółowy opis 1A Low Dropout Positive Voltage Regulator

LM1117L3 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
LM1117L3 Datasheet PDF - Cystech Electonics Corp.

Numer części LM1117L3
Pobierz  LM1117L3 Click to download

Rozmiar pliku   185.11 Kbytes
Page   4 Pages
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Szczegółowy opis 1A Low Dropout Positive Voltage Regulator

LM1117L3 Arkusz danych (HTML) - Cystech Electonics Corp.

LM1117L3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1117L3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1117L3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1117L3 Datasheet HTML 4Page - Cystech Electonics Corp.

LM1117L3 Szczegóły Produktu

Description

The LM1117 series of positive adjustable and fixed regulators are designed to provide 1A with high efficiency. All internal circuitry is designed to operate down to 1.4V input to output differential. The product is specifically designed to provide well-regulated supply for low-voltage IC application such as high-speed bus termination and low current 3.3V logic supply, and other applications such as VGA cards.



Features

● Adjustable or Fixed Output

● Output Current of 1A

● Low Dropout, 1.4V max at 1A Output Current

● Good Noise Rejection

● Output Current Limiting

● Built-in Thermal Shutdown

● Fast Transient Response

● Pb-free lead plating package

● Can operate using MLCCs in the capacitance range of 2μF to 10μF



Applications

● High Efficiency Linear Regulators

● Post Regulators for Switching Supplies

● Adjustable Power Supply



 




Podobny numer części - LM1117L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM1117LD-1.8 TI1-LM1117LD-1.8 Datasheet
2Mb / 36P
[Old version datasheet]   800-mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117LD-1.8/NOPB TI1-LM1117LD-1.8/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results


Podobny opis - LM1117L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com