Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21009DFB850Z-TK Arkusz danych (PDF) - Intersil Corporation

ISL21009DFB850Z-TK Datasheet PDF - Intersil Corporation
Numer części ISL21009DFB850Z-TK
Pobierz  ISL21009DFB850Z-TK Pobierz

Rozmiar pliku   326.63 Kbytes
Page   13 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Precision, Low Noise FGA??Voltage References

ISL21009DFB850Z-TK Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL21009DFB850Z-TK Datasheet PDF - Intersil Corporation

Numer części ISL21009DFB850Z-TK
Pobierz  ISL21009DFB850Z-TK Click to download

Rozmiar pliku   326.63 Kbytes
Page   13 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Precision, Low Noise FGA??Voltage References

ISL21009DFB850Z-TK Arkusz danych (HTML) - Intersil Corporation

Back Button ISL21009DFB850Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21009DFB850Z-TK Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL21009DFB850Z-TK Szczegóły Produktu

The ISL21009 FGA™ voltage references are extremely low power, high precision, and low noise voltage references fabricated on Intersil’s proprietary Floating Gate Analog technology. The ISL21009 features very low noise (4µVP-P for 0.1Hz to 10Hz), low operating current (180µA, Max), and 3ppm/°C of temperature drift. In addition, the ISL21009 family features guaranteed initial accuracy as low as ±0.5mV



Features

• Output Voltages . . . . . . . . . . . . . . . 1.25V, 2.500V, 5.000V

• Initial Accuracy . . . . . . . . . . . . . .±0.5mV, ±1.0mV, ±2.0mV

• Input Voltage Range. . . . . . . . . . . . . . . . . . . . Up to 16.5V

• Output Voltage Noise . . . . . . . . . . 4uVP-P (0.1Hz to 10Hz)

• Supply Current . . . . . . . . . . . . . . . . . . . . . . . .180µA (Max)

• Temperature Coefficient . . . 3ppm/°C, 5ppm/°C, 10ppm/°C

• Output Current Capability. . . . . . . . . . . . . . . . . . . .±7.0mA

• Operating Temperature Range. . . . . . . . .-40°C to +125°C

• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• High Resolution A/Ds and D/As

• Digital Meters

• Bar Code Scanners

• Basestations

• Battery Management/Monitoring

• Industrial/Instrumentation Equipment




Podobny numer części - ISL21009DFB850Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21009DFB850Z INTERSIL-ISL21009DFB850Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009DFB850Z INTERSIL-ISL21009DFB850Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009DFB850Z RENESAS-ISL21009DFB850Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results


Podobny opis - ISL21009DFB850Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com