Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S-1122B41MC-L9ATFG Arkusz danych (PDF) - Seiko Instruments Inc

S-1122B41MC-L9ATFG Datasheet PDF - Seiko Instruments Inc
Numer części S-1122B41MC-L9ATFG
Pobierz  S-1122B41MC-L9ATFG Pobierz

Rozmiar pliku   388.32 Kbytes
Page   29 Pages
Producent  SII [Seiko Instruments Inc]
Strona internetowa  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Szczegółowy opis HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR

S-1122B41MC-L9ATFG Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
S-1122B41MC-L9ATFG Datasheet PDF - Seiko Instruments Inc

Numer części S-1122B41MC-L9ATFG
Pobierz  S-1122B41MC-L9ATFG Click to download

Rozmiar pliku   388.32 Kbytes
Page   29 Pages
Producent  SII [Seiko Instruments Inc]
Strona internetowa  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc
Szczegółowy opis HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR

S-1122B41MC-L9ATFG Arkusz danych (HTML) - Seiko Instruments Inc

Back Button S-1122B41MC-L9ATFG Datasheet HTML 1Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 2Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 3Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 4Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 5Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 6Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 7Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 8Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 9Page - Seiko Instruments Inc S-1122B41MC-L9ATFG Datasheet HTML 10Page - Seiko Instruments Inc Next Button 

S-1122B41MC-L9ATFG Szczegóły Produktu

The S-1112/1122 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy, and low current consumption developed based on CMOS technology. A built-in low on-resistance transistor provides a low dropout voltage and large output current, and a built-in overcurrent protector prevents the load current from exceeding the current capacitance of the output transistor. An ON/OFF circuit ensures a long battery life. Compared with the voltage regulators using the conventional CMOS process, a larger variety of capacitors are available, including small ceramic capacitors. Small SNT-

6A(H) (S-1112 Series only) and SOT-23-5 packages realize high-density mounting. In SOT-23-5, the lineup

includes the S-1112 and S-1122 Series, which differ in pin configuration.



„ Features

• Output voltage: 1.5 V to 5.5 V, selectable in 0.1 V steps.

• High-accuracy output voltage: ±1.0%

• Low dropout voltage: 190 mV typ. (3.0 V output product, IOUT = 100 mA)

• Low current consumption: During operation: 50 μA typ., 90 μA max. During shutdown: 0.1 μA typ., 1.0 μA max.

• High peak current capability: 150 mA output is possible (at VIN ≥ VOUT(S) + 1.0 V)*1

• Built-in ON/OFF circuit: Ensures long battery life.

• Low ESR capacitor can be used: A ceramic capacitor of 0.47 μF or more can be used for the output capacitor.

• High ripple rejection: 80 dB typ. (at 1.0 kHz)

• Built-in overcurrent protector: Overcurrent of output transistor can be restricted.

• Lead-free, Sn 100%, halogen-free*2



„ Applications

• Power supply for battery-powered devices

• Power supply for personal communication devices

• Power supply for home electric/electronic appliances

• Power supply for cellular phones




Podobny numer części - S-1122B41MC-L9ATFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seiko Instruments Inc
S-1122B41MC-L9ATFG SII-S-1122B41MC-L9ATFG Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Podobny opis - S-1122B41MC-L9ATFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-T111 SII-S-T111 Datasheet
238Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1165 SII-S-1165 Datasheet
280Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1312A10H-M5T1U3 SII-S-1312A10H-M5T1U3 Datasheet
2Mb / 38P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6207 HMSEMI-HM6207 Datasheet
1Mb / 11P
   Low dropout high ripple rejection CMOS voltage regulator
logo
ABLIC Inc.
S-1165 ABLIC-S-1165 Datasheet
385Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.1_02
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com