Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RFP-125-50TS-S Arkusz danych (PDF) - Anaren Microwave

RFP-125-50TS-S Datasheet PDF - Anaren Microwave
Numer części RFP-125-50TS-S
Pobierz  RFP-125-50TS-S Pobierz

Rozmiar pliku   262.77 Kbytes
Page   2 Pages
Producent  ANAREN [Anaren Microwave]
Strona internetowa  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Szczegółowy opis Flangeless Termination 125 Watts, 50Ohms

RFP-125-50TS-S Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
RFP-125-50TS-S Datasheet PDF - Anaren Microwave

Numer części RFP-125-50TS-S
Pobierz  RFP-125-50TS-S Click to download

Rozmiar pliku   262.77 Kbytes
Page   2 Pages
Producent  ANAREN [Anaren Microwave]
Strona internetowa  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Szczegółowy opis Flangeless Termination 125 Watts, 50Ohms

RFP-125-50TS-S Arkusz danych (HTML) - Anaren Microwave

RFP-125-50TS-S Datasheet HTML 1Page - Anaren Microwave RFP-125-50TS-S Datasheet HTML 2Page - Anaren Microwave



Podobny numer części - RFP-125-50TS-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
RFP-10-100RV ANAREN-RFP-10-100RV Datasheet
187Kb / 2P
   Flanged Resistors 10 Watts, 100廓
RFP-10-50TV ANAREN-RFP-10-50TV Datasheet
506Kb / 2P
   Flanged Terminations
RFP-10-50TVC ANAREN-RFP-10-50TVC Datasheet
499Kb / 2P
   Flanged Terminations
RFP-10-50TVR ANAREN-RFP-10-50TVR Datasheet
497Kb / 2P
   Flanged Terminations
RFP-100-100RW ANAREN-RFP-100-100RW Datasheet
513Kb / 2P
   Flanged Resistors 100 Watts, 100 ohm
More results


Podobny opis - RFP-125-50TS-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
RFP-60-50TP-S ANAREN-RFP-60-50TP-S Datasheet
291Kb / 2P
   Flanged Termination 60 Watts, 50Ohms
RFP-60-50TPR-S ANAREN-RFP-60-50TPR-S Datasheet
290Kb / 2P
   Flanged Termination 60 Watts, 50Ohms
RFP-150-50TCGF-S ANAREN-RFP-150-50TCGF-S Datasheet
351Kb / 2P
   Full Flange Termination 150 Watts, 50Ohms
RFP-150-50TCGN-S ANAREN-RFP-150-50TCGN-S Datasheet
249Kb / 2P
   Flangeless Termination 150 Watts, 50W
RFP-20-50TPP-S ANAREN-RFP-20-50TPP-S Datasheet
290Kb / 2P
   Flangeless Termination 20 Watts, 50
RFP-40-50TPP-S ANAREN-RFP-40-50TPP-S Datasheet
285Kb / 2P
   Flangeless Termination 40 Watts, 50W
E150N50X4 ANAREN-E150N50X4 Datasheet
134Kb / 2P
   Flangeless Mount Termination 150 Watts, 50W
150-50TCGN ANAREN-150-50TCGN Datasheet
230Kb / 2P
   Flangeless Termination
RFP-50-50RCG-S ANAREN-RFP-50-50RCG-S Datasheet
230Kb / 2P
   Flanged Resistor 50 Watts, 50Ohms
A125N50X4 ANAREN-A125N50X4 Datasheet
324Kb / 2P
   Chip Termination 125 Watts, 50廓
More results




O Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com