Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-321 Arkusz danych (PDF) - Murata Power Solutions Inc.

ADC-321 Datasheet PDF - Murata Power Solutions Inc.
Numer części ADC-321
Pobierz  ADC-321 Pobierz

Rozmiar pliku   331.37 Kbytes
Page   8 Pages
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Szczegółowy opis 8-Bit, 50MHz Video A/D Converter

ADC-321 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ADC-321 Datasheet PDF - Murata Power Solutions Inc.

Numer części ADC-321
Pobierz  ADC-321 Click to download

Rozmiar pliku   331.37 Kbytes
Page   8 Pages
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Szczegółowy opis 8-Bit, 50MHz Video A/D Converter

ADC-321 Arkusz danych (HTML) - Murata Power Solutions Inc.

ADC-321 Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 6Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 7Page - Murata Power Solutions Inc. ADC-321 Datasheet HTML 8Page - Murata Power Solutions Inc.

ADC-321 Szczegóły Produktu

PRODUCT OVERVIEW
The ADC-321 is an 8-bit, high speed, monolithic CMOS, sub-ranging A/D converter. The ADC-321 achieves a sampling rate comparable to flash converters by employing a sub-ran single +5V or dual +5V and +3.3V power source to allow easy interfacing with 3.3V logic.
An optional synchronous clamp function useful for video signal processing is provided. The ADC-321 is well suited for the portable video signal processors due to its low 125mW typical power dissipation. The ADC-321 also features ±0.5 LSB max. differential non-linearity, a self bias function that can eliminate the need for external references, SNR with THD of 45dB, a small 32-pin QFP package and an operating temperature range of –40 to +85°C

FEATURES
■ Low power dissipation (180mW max.)
■ Input signal bandwith (100MHz)
■ Optional synchronized clamp function
■ Low input capacitance (15pF typ.)
■ +5V or +5V /+3.3V power supply operation
■ Differential nonlinearity (±½LSB max.)
■ Optional self-biased reference
■ CMOS/TTL compatible inputs
■ Outputs 3-state TTL compatible
■ Surface mount package




Podobny numer części - ADC-321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results


Podobny opis - ADC-321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ADC-321 ETC-ADC-321 Datasheet
174Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results




O Murata Power Solutions Inc.


Murata Power Solutions to spółka zależna Murata Manufacturing, japońskiej międzynarodowej firmy elektronicznej.

Murata Power Solutions specjalizuje się w projektowaniu i produkcji rozwiązań do zarządzania energią, w tym konwerterów DC-DC, zasilaczy AC-DC i filtrów EMI.

Firma zapewnia innowacyjne i niezawodne rozwiązania do zarządzania energią dla szerokiego zakresu zastosowań w branżach takich jak między innymi medyczne, przemysłowe i transportowe.

Dzięki zaawansowanemu produktom technologicznym i wysokiej jakości Murata Power Solutions stał się wiodącym dostawcą rozwiązań do zarządzania energią na rynku globalnym.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com