Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M-949-01 Arkusz danych (PDF) - Clare, Inc.

M-949-01 Datasheet PDF - Clare, Inc.
Numer części M-949-01
Pobierz  M-949-01 Pobierz

Rozmiar pliku   214.7 Kbytes
Page   3 Pages
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.
Szczegółowy opis Line Sense Relay

M-949-01 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
M-949-01 Datasheet PDF - Clare, Inc.

Numer części M-949-01
Pobierz  M-949-01 Click to download

Rozmiar pliku   214.7 Kbytes
Page   3 Pages
Producent  CLARE [Clare, Inc.]
Strona internetowa  http://www.clare.com
Logo CLARE - Clare, Inc.
Szczegółowy opis Line Sense Relay

M-949-01 Arkusz danych (HTML) - Clare, Inc.

M-949-01 Datasheet HTML 1Page - Clare, Inc. M-949-01 Datasheet HTML 2Page - Clare, Inc. M-949-01 Datasheet HTML 3Page - Clare, Inc.

M-949-01 Szczegóły Produktu

Description
The M-949-01 Line Sense relay is a small PWBmount loop current detector with the safety and reliability features required for FCC Part 68 regulated telephone applicatoins. When connected to the voice pair (Tip and Ring of an ordinary telephone line, the M-949-01 provides a 1 Form A relay closure in response to current above 20mA flowing hrough the wires. This closure can be used by control circuitry for on-hook’off-hook monitoring, switchhook flash detection, and rotary dial pulse counting. Simple in design and rugged in construction, the M-949-01 is ideally suited for use with the Teltone M-959, M-8870, M-8880, M-8888, and other loop current controlled telephone dialing recievers.

Features
• Senses telephone line current from 18 to 125mA
• Includes 1 Form A relay contact
• Maximum closure time 1 ms including bounce
• Achives 63 dB minimum longitudinal balance
• Provides 1500 VDC coil-to-contact isolation
• Improved RFI shielding
• UL Recognized
• Applications include: central office products, PBX and key systems, rotary dial monitoring devices,




Podobny numer części - M-949-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-949-11 CLARE-M-949-11 Datasheet
94Kb / 3P
   Line Sense Relay
More results


Podobny opis - M-949-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Clare, Inc.
M-949-11 CLARE-M-949-11 Datasheet
94Kb / 3P
   Line Sense Relay
logo
Synaptics Incorporated.
CX20562 CONEXANT-CX20562 Datasheet
375Kb / 2P
   Auxiliary line in input with jack sense
logo
List of Unclassifed Man...
HE751A0400 ETC1-HE751A0400 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
20-2121-30 ETC2-20-2121-30 Datasheet
482Kb / 4P
   SERIES 20 OPEN LINE RELAY
logo
Infineon Technologies A...
TDA16831-4 INFINEON-TDA16831-4 Datasheet
273Kb / 21P
   Off-line SMPS Controller with 600 V Sense CoolMOS on Board
1999-12-10
logo
Shenzhen SI Semiconduct...
SIC9601 SISEMIC-SIC9601 Datasheet
366Kb / 6P
   Primary Sensing AC-DC Off-line Controller with Base-Sense Technology
logo
Siemens Semiconductor G...
BR930 SIEMENS-BR930 Datasheet
831Kb / 3P
   A dc neutral, tractive armature, line relay
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
More results




O Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com