Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UVP-2X88 Arkusz danych (PDF) - Unity Opto Technology

UVP-2X88 Datasheet PDF - Unity Opto Technology
Numer części UVP-2X88
Pobierz  UVP-2X88 Pobierz

Rozmiar pliku   121.59 Kbytes
Page   5 Pages
Producent  UOT [Unity Opto Technology]
Strona internetowa  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Szczegółowy opis 2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY

UVP-2X88 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
UVP-2X88 Datasheet PDF - Unity Opto Technology

Numer części UVP-2X88
Pobierz  UVP-2X88 Click to download

Rozmiar pliku   121.59 Kbytes
Page   5 Pages
Producent  UOT [Unity Opto Technology]
Strona internetowa  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Szczegółowy opis 2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY

UVP-2X88 Arkusz danych (HTML) - Unity Opto Technology

UVP-2X88 Datasheet HTML 1Page - Unity Opto Technology UVP-2X88 Datasheet HTML 2Page - Unity Opto Technology UVP-2X88 Datasheet HTML 3Page - Unity Opto Technology UVP-2X88 Datasheet HTML 4Page - Unity Opto Technology UVP-2X88 Datasheet HTML 5Page - Unity Opto Technology

UVP-2X88 Szczegóły Produktu

DESCRIPTION
The UVP-2088 is 2.3 inch ( 58.42mm) height 8X8 dot matrix display.
Single color display have the choices of three bright colors-AlGaAs red/green/red orange.
All device have black face and white dot.
The AlGaAs red LED chip are made from AlGaAs on a non-transparent GaAs substrate.
The green LED chip are made from GaP on a transparent GaP substrate.
The red orange LED chip are made from GaAsP on a transparent GaP substrate.
Multicolor display are applicable to two colors : green and red orange

FEATURES
 • Industuy standard size
 • Wide viewing angle
 • Continuous uniform dot matrix.
 • Excellent characters appearance
 • Low power requirement




Podobny numer części - UVP-2X88

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unity Opto Technology
UVP-2X44 UOT-UVP-2X44 Datasheet
62Kb / 5P
   2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
UVP-2X58XX UOT-UVP-2X58XX Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
More results


Podobny opis - UVP-2X88

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unity Opto Technology
UVP-2X58XX UOT-UVP-2X58XX Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-88211M9 CHINASEMI-CSM-88211M9 Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211S CHINASEMI-CSM-88211S Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211E CHINASEMI-CSM-88211E Datasheet
211Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211G CHINASEMI-CSM-88211G Datasheet
212Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211T9 CHINASEMI-CSM-88211T9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211V9 CHINASEMI-CSM-88211V9 Datasheet
205Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88261SG CHINASEMI-CSM-88261SG Datasheet
271Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88211A9 CHINASEMI-CSM-88211A9 Datasheet
213Kb / 6P
   2.3 Inch 8X8 Dot-Matrix Display
CSM-88261VM9 CHINASEMI-CSM-88261VM9 Datasheet
266Kb / 7P
   2.3 Inch 8X8 Dot-Matrix Display
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com