Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT1023 Arkusz danych (PDF) - ON Semiconductor

CAT1023 Datasheet PDF - ON Semiconductor
Numer części CAT1023
Pobierz  CAT1023 Pobierz

Rozmiar pliku   627.11 Kbytes
Page   21 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer

CAT1023 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
CAT1023 Datasheet PDF - ON Semiconductor

Numer części CAT1023
Pobierz  CAT1023 Click to download

Rozmiar pliku   627.11 Kbytes
Page   21 Pages
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Szczegółowy opis Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer

CAT1023 Arkusz danych (HTML) - ON Semiconductor

Back Button CAT1023 Datasheet HTML 1Page - ON Semiconductor CAT1023 Datasheet HTML 2Page - ON Semiconductor CAT1023 Datasheet HTML 3Page - ON Semiconductor CAT1023 Datasheet HTML 4Page - ON Semiconductor CAT1023 Datasheet HTML 5Page - ON Semiconductor CAT1023 Datasheet HTML 6Page - ON Semiconductor CAT1023 Datasheet HTML 7Page - ON Semiconductor CAT1023 Datasheet HTML 8Page - ON Semiconductor CAT1023 Datasheet HTML 9Page - ON Semiconductor CAT1023 Datasheet HTML 10Page - ON Semiconductor Next Button 

CAT1023 Szczegóły Produktu

Description
The CAT1021, CAT1022 and CAT1023 are complete memory and supervisory solutions for microcontroller−based systems. A EEPROM Serial 2k−bit I2C memory and a system power supervisor with brown−out protection are integrated together in low power CMOS technology. Memory interface is via a 400 kHz I2C bus.

Features
• Precision Power Supply Voltage Monitor
    ♦ 5 V, 3.3 V and 3 V Systems
    ♦ Five Threshold Voltage Options
• Watchdog Timer
• Active High or Low Reset
    ♦ Valid Reset Guaranteed at VCC = 1 V
• 400 kHz I2C Bus
• 2.7 V to 5.5 V Operation
• Low Power CMOS Technology
• 16−Byte Page Write Buffer
• Built−in Inadvertent Write Protection
    ♦ WP Pin (CAT1021)
• 1,000,000 Program/Erase Cycles
• Manual Reset Input
• 100 Year Data Retention
• Industrial and Extended Temperature Ranges
• 8−pin SOIC, TSSOP, MSOP or TDFN (3 x 3 mm Foot−print) Packages
    ♦ TDFN Max Height is 0.8 mm
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Podobny numer części - CAT1023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT1023 CATALYST-CAT1023 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1023 CATALYST-CAT1023 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1023 CATALYST-CAT1023 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1023 ONSEMI-CAT1023 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
CAT1023 ONSEMI-CAT1023 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results


Podobny opis - CAT1023

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT1023LI-25-G ONSEMI-CAT1023LI-25-G Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021_07 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1023WI-30 ONSEMI-CAT1023WI-30 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
CAT1023WI30 ONSEMI-CAT1023WI30 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1021 CATALYST-CAT1021 Datasheet
149Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1021_0711 CATALYST-CAT1021_0711 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results




O ON Semiconductor


„ON Semiconductor to firma notowana publicznie, która projektuje, rozwija i produkuje szeroką gamę produktów półprzewodnikowych dla różnych aplikacji, w tym rynków motoryzacyjnych, komputerowych, towarów konsumpcyjnych, przemysłowych i komunikacyjnych.
Firma została założona w 1999 roku i ma siedzibę w Phoenix w Arizonie.
Na półprzewodnikach oferuje szerokie portfolio zarządzania energią, analogowe i dyskretne półprzewodniki, w tym między innymi MOSFETEM, diod, prostowników, regulatorów napięcia.
Produkty firmy są zaprojektowane tak, aby były energooszczędne, niezawodne i opłacalne i są wykorzystywane w różnych aplikacjach, w tym w przenośnej elektronice, systemach automatyzacji przemysłowej, systemach energii odnawialnej i elektronice motoryzacyjnej.
Na półprzewodnikach jest zaangażowany w innowacje i satysfakcję klientów i jest zaangażowany w zapewnianie najlepszych rozwiązań półprzewodników w celu zaspokojenia potrzeb naszych klientów ”.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com