Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3260 Arkusz danych (PDF) - Intersil Corporation

CA3260 Datasheet PDF - Intersil Corporation
Numer części CA3260
Pobierz  CA3260 Pobierz

Rozmiar pliku   148.62 Kbytes
Page   4 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output

CA3260 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
CA3260 Datasheet PDF - Intersil Corporation

Numer części CA3260
Pobierz  CA3260 Click to download

Rozmiar pliku   148.62 Kbytes
Page   4 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output

CA3260 Arkusz danych (HTML) - Intersil Corporation

CA3260 Datasheet HTML 1Page - Intersil Corporation CA3260 Datasheet HTML 2Page - Intersil Corporation CA3260 Datasheet HTML 3Page - Intersil Corporation CA3260 Datasheet HTML 4Page - Intersil Corporation

CA3260 Szczegóły Produktu

CA3260A and CA3260 are integrated circuit operational amplifiers that combine the advantage of both CMOS and bipolar transistors on a monolithic chip. The CA3260 series circuits are dual versions of the popular CA3160 series.



Features

• MOSFET Input Stage provides

- Very High ZI = 1.5TΩ (1.5 x 1012Ω) (Typ)

- Very Low II . . . . . . . . . . . . 5pA (Typ) at 15V Operation

. . . . . . . . . . . . . . . . . . . . . . 2pA (Typ) at 5V Operation

• Ideal for Single Supply Applications

• Common Mode Input Voltage Range Includes Negative Supply Rail; Input Terminals Can be Swung 0.5V

Below Negative Supply Rail

• CMOS Output Stage Permits Signal Swing to Either (Or Both) Supply Rails

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• Ground Referenced Single Supply Amplifiers

• Fast Sample-Hold Amplifiers

• Long Duration Timers/Monostables

• Ideal Interface with Digital CMOS

• High Input Impedance Wideband Amplifiers

• Voltage Followers (e.g. Follower for Single Supply D/A Converter)

• Voltage Regulators (Permits Control of Output Voltage Down to 0V)

• Wien Bridge Oscillators

• Voltage Controlled Oscillators

• Photo Diode Sensor Amplifiers




Podobny numer części - CA3260

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260A INTERSIL-CA3260A Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3260A RENESAS-CA3260A Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260AE INTERSIL-CA3260AE Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results


Podobny opis - CA3260

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160 Datasheet
910Kb / 18P
   4MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
September 1998
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
CA3130 INTERSIL-CA3130_05 Datasheet
935Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com