Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC868116 Arkusz danych (PDF) - Sanyo Semicon Device

LC868116 Datasheet PDF - Sanyo Semicon Device
Numer części LC868116
Pobierz  LC868116 Pobierz

Rozmiar pliku   686.66 Kbytes
Page   28 Pages
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Szczegółowy opis 8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip

LC868116 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
LC868116 Datasheet PDF - Sanyo Semicon Device

Numer części LC868116
Pobierz  LC868116 Click to download

Rozmiar pliku   686.66 Kbytes
Page   28 Pages
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Szczegółowy opis 8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip

LC868116 Arkusz danych (HTML) - Sanyo Semicon Device

Back Button LC868116 Datasheet HTML 1Page - Sanyo Semicon Device LC868116 Datasheet HTML 2Page - Sanyo Semicon Device LC868116 Datasheet HTML 3Page - Sanyo Semicon Device LC868116 Datasheet HTML 4Page - Sanyo Semicon Device LC868116 Datasheet HTML 5Page - Sanyo Semicon Device LC868116 Datasheet HTML 6Page - Sanyo Semicon Device LC868116 Datasheet HTML 7Page - Sanyo Semicon Device LC868116 Datasheet HTML 8Page - Sanyo Semicon Device LC868116 Datasheet HTML 9Page - Sanyo Semicon Device LC868116 Datasheet HTML 10Page - Sanyo Semicon Device Next Button 

LC868116 Szczegóły Produktu

Overview
The LC868116A/12A/08A microcontrollers are 8-bit single chip microcontrollers with the following on-chip functional blocks :
    - CPU : Operable at a minimum bus cycle time of 0.5µs (microseconds)
    - On-chip ROM maximum capacity : 16K bytes
    - On-chip RAM capacity : 640 bytes
    - Dot-matrix liquid crystal display (LCD) automatic display controller / driver
    - External memory
    - 16-bit timer / counter (or two 8-bit timers)
    - 16-bit timer / PWM (or two 8-bit timers)
    - Two 8-bit synchronous serial-interface circuits
    - 13-source 9-level vectored interrupt system
All of the above functions are fabricated on a single chip




Podobny numer części - LC868116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC868008A SANYO-LC868008A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868012A SANYO-LC868012A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868016A SANYO-LC868016A Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
More results


Podobny opis - LC868116

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC868016 SANYO-LC868016 Datasheet
689Kb / 28P
   8-Bit Single Chip Microcontroller with 16/12/08K-Byte ROM and 640-Byte RAM On Chip
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC86F1216A SANYO-LC86F1216A Datasheet
805Kb / 21P
   8-Bit Single Chip Microcontroller with the 16K-Byte ROM and 1220-Byte RAM On Chip?
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results




O Sanyo Semicon Device


Sanyo Semiconductor Device Corporation lub Sanyo Semicon Device, była spółką zależną Sanyo Electric Co., Ltd., japońskiej firmy elektronicznej. Urządzenie Sanyo Semicon było producentem urządzeń półprzewodnikowych, w tym diod, tranzystorów i innych komponentów do elektroniki użytkowej, motoryzacyjnej i przemysłowej. Firma została założona w 1970 roku i miała siedzibę w Osace w Japonii.

Urządzenie Sanyo Semicon było znane z wysokiej jakości produktów i zaangażowania w zaspokajanie potrzeb swoich klientów. Firma koncentrowała się na badaniach i rozwoju i była zaangażowana w rozwój nowych technologii i produktów dla przemysłu półprzewodnikowego. Produkty Sanyo Semicon Device były szeroko stosowane w różnych aplikacjach i pomogły wesprzeć rozwój branży elektronicznej.

W 2010 r. Sanyo Electric został przejęty przez Panasonic Corporation, wiodącą globalną firmę elektroniczną. W rezultacie urządzenie Sanyo Semicon stało się spółką zależną Panasonic i zostało zintegrowane z działalnością półprzewodników. Przejęcie pozwoliło Panasonicowi rozszerzyć portfel produktów i ofertę na rynku półprzewodnikowym i jeszcze bardziej wzmocnić swoją pozycję w branży elektronicznej.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com