Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M1.5KE11A Arkusz danych (PDF) - Microsemi Corporation

M1.5KE11A Datasheet PDF - Microsemi Corporation
Numer części M1.5KE11A
Pobierz  M1.5KE11A Pobierz

Rozmiar pliku   386.56 Kbytes
Page   4 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis Unidirectional and Bidirectional Transient Voltage Suppressor

M1.5KE11A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
M1.5KE11A Datasheet PDF - Microsemi Corporation

Numer części M1.5KE11A
Pobierz  M1.5KE11A Click to download

Rozmiar pliku   386.56 Kbytes
Page   4 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis Unidirectional and Bidirectional Transient Voltage Suppressor

M1.5KE11A Arkusz danych (HTML) - Microsemi Corporation

M1.5KE11A Datasheet HTML 1Page - Microsemi Corporation M1.5KE11A Datasheet HTML 2Page - Microsemi Corporation M1.5KE11A Datasheet HTML 3Page - Microsemi Corporation M1.5KE11A Datasheet HTML 4Page - Microsemi Corporation

M1.5KE11A Szczegóły Produktu

DESCRIPTION
The popular Transient Voltage Suppressor series of M1.5KE6.8 – M1.5KE400CA with its various upscreening options offer an extended voltage range and provides a wide variety of commercial, high reliability, RoHS and bidirectional options. All have the same high peak pulse power rating of 1500 W and extremely fast response time. They can protect from secondary effects of lightning per IEC61000-4-5 and the class levels as shown below as well as voltage transients from inductive switching and RFI. Since their response time is virtually instantaneous, they also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• High reliability devices with fabrication and assembly lot traceability
• Economical plastic encapsulated TVS series for thru-hole mounting
• 3σ lot norm screening performed on standby current (ID)
• 100% surge tested devices suppress transients up to 1500 watts @ 10/1000 µs (see figure 1)
• Enhanced reliability screening available in reference to MIL-PRF-19500. Refer to Hirel NonHermetic Product Portfolio for more details on the screening options. (See part nomenclature for all options.)
• Enhanced reliability source controlled devices have wafer fabrication and assembly lot traceability
• Moisture classification is “Level 1” with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS compliant versions available

APPLICATIONS / BENEFITS
• High-reliability devices
• Protection from switching and RFI induced transients
• Compliant to IEC 61000-4-2 and IEC 61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 ohms source impedance:
    Class 1: M1.5KE6.8A to M1.5KE200CA
    Class 2: M1.5KE6.8A to M.5KE180CA
    Class 3: M1.5KE6.8A to M1.5KE91CA
    Class 4: M1.5KE6.8A to M1.5KE43CA
• Secondary lightning protection per IEC61000-4-5 with 12 ohms source impedance:
    Class 1: M1.5KE6.8A to M1.5KE110CA
    Class 2: M1.5KE6.8A to M1.5KE56CA
    Class 3: M1.5KE6.8A to M1.5KE27CA
    Class 4: M1.5KE6.8A to M1.5KE13CA
• Secondary lightning protection per IEC61000-4-5 with 2 ohms source impedance:
    Class 2: M1.5KE6.8A to M1.5KE24CA
    Class 3: M1.5KE6.8A to M1.5KE12CA





Podobny opis - M1.5KE11A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results




O Microsemi Corporation


Microsemi Corporation była amerykańską firmą specjalizującą się w projektowaniu i produkcji rozwiązań półprzewodników i systemów.
Firma została założona w 1960 roku i miała siedzibę w Aliso Viejo w Kalifornii.
Microsemi dostarczyło szeroką gamę produktów, w tym analogowe i mieszane obwody zintegrowane, produkowane tablice bram (FPGA), produkty zarządzania energią i kontrolą oraz inne roztwory półprzewodników.
Produkty firmy były wykorzystywane w różnych zastosowaniach, takich jak obrona i bezpieczeństwo, lotnictwo i lotnictwo, przemysł i komunikacja.
Microsemi było znane ze swojej wiedzy specjalistycznej w dziedzinie technologii półprzewodników i zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
W 2018 r. Microsemi zostało przejęte przez MicroChip Technology, wiodącego dostawcę produktów mikrokontrolerów, mieszanych, analogowych i bezpieczeństwa.
Marka Microsemi nie jest już używana, ale jej technologia i produkty są nadal częścią portfolio Microchip.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com