Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4002 Arkusz danych (PDF) - Rugao Dachang Electronics Co., Ltd

1N4002 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Numer części 1N4002
Pobierz  1N4002 Pobierz

Rozmiar pliku   117.87 Kbytes
Page   2 Pages
Producent  DACHANG [Rugao Dachang Electronics Co., Ltd]
Strona internetowa  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Szczegółowy opis General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A

1N4002 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
1N4002 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Numer części 1N4002
Pobierz  1N4002 Click to download

Rozmiar pliku   117.87 Kbytes
Page   2 Pages
Producent  DACHANG [Rugao Dachang Electronics Co., Ltd]
Strona internetowa  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Szczegółowy opis General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A

1N4002 Arkusz danych (HTML) - Rugao Dachang Electronics Co., Ltd

1N4002 Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd 1N4002 Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

1N4002 Szczegóły Produktu

Reverse Voltage 50 to 1000 V
Forward Current 1.0 A

Features
• Low reverse leakage
• High forward surge capability
• High temperature soldering guaranteed:  260℃/10 seconds, 0.375" (9.5mm) lead length, lbs. (2.3kg) tension
• Lead and body according with ROHS standard




Podobny numer części - 1N4002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4002 EIC-1N4002 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
More results


Podobny opis - 1N4002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rugao Dachang Electroni...
1N4001G DACHANG-1N4001G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
1A1 DACHANG-1A1 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RL201 DACHANG-RL201 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
RL251 DACHANG-RL251 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
RL251G DACHANG-RL251G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
1N5400G DACHANG-1N5400G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
5A05 DACHANG-5A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 5.0 A
10A05 DACHANG-10A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 10 A
1N5400 DACHANG-1N5400 Datasheet
122Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
6A05 DACHANG-6A05 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 6.0 A
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com