Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1A Arkusz danych (PDF) - Rugao Dachang Electronics Co., Ltd

ES1A Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Numer części ES1A
Pobierz  ES1A Pobierz

Rozmiar pliku   122.36 Kbytes
Page   2 Pages
Producent  DACHANG [Rugao Dachang Electronics Co., Ltd]
Strona internetowa  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Szczegółowy opis Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A

ES1A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ES1A Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Numer części ES1A
Pobierz  ES1A Click to download

Rozmiar pliku   122.36 Kbytes
Page   2 Pages
Producent  DACHANG [Rugao Dachang Electronics Co., Ltd]
Strona internetowa  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Szczegółowy opis Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A

ES1A Arkusz danych (HTML) - Rugao Dachang Electronics Co., Ltd

ES1A Datasheet HTML 1Page - Rugao Dachang Electronics Co., Ltd ES1A Datasheet HTML 2Page - Rugao Dachang Electronics Co., Ltd

ES1A Szczegóły Produktu

Reverse Voltage 50 to 600 V Forward Current 1.0 A



Features

· Low reverse leakage

· High forward surge capability

· High temperature soldering guaranteed: 260℃/10 seconds at terminals

· Lead and body according with RoHS standard



 




Podobny numer części - ES1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
ES1A PANJIT-ES1A Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Sangdest Microelectroni...
ES1A SMC-ES1A Datasheet
185Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
ES1A SEMTECH_ELEC-ES1A Datasheet
320Kb / 2P
   SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A Datasheet
441Kb / 3P
   Surface Mount Super Fast Glass Passivated Rectifiters
logo
Dc Components
ES1A DCCOM-ES1A Datasheet
391Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results


Podobny opis - ES1A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rugao Dachang Electroni...
ES1AL DACHANG-ES1AL Datasheet
131Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 1.0 A
ES3A DACHANG-ES3A Datasheet
119Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 3.0 A
ES2A DACHANG-ES2A Datasheet
120Kb / 2P
   Surface Mount Super Fast Recover Rectifiers Reverse Voltage 50 to 600 V Forward Current 2.0 A
RS1AL DACHANG-RS1AL Datasheet
129Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
RS1A DACHANG-RS1A Datasheet
119Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
logo
GOOD-ARK Electronics
ES1A GOOD-ARK-ES1A Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
ES1A GOOD-ARK-ES1A_15 Datasheet
170Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Rugao Dachang Electroni...
RS3A DACHANG-RS3A Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
First Silicon Co., Ltd
ES2A FS-ES2A Datasheet
202Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 2.0 Amperes
logo
GOOD-ARK Electronics
1N4933 GOOD-ARK-1N4933_15 Datasheet
200Kb / 2P
   Fast Recovery Rectifiers Reverse Voltage 50 to 600 Volts Forward Current 1.0 Ampere
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com