Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC78T15BT Arkusz danych (PDF) - Motorola, Inc

MC78T15BT Datasheet PDF - Motorola, Inc
Numer części MC78T15BT
Pobierz  MC78T15BT Pobierz

Rozmiar pliku   162.63 Kbytes
Page   12 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS

MC78T15BT Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
MC78T15BT Datasheet PDF - Motorola, Inc

Numer części MC78T15BT
Pobierz  MC78T15BT Click to download

Rozmiar pliku   162.63 Kbytes
Page   12 Pages
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Szczegółowy opis THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS

MC78T15BT Arkusz danych (HTML) - Motorola, Inc

Back Button MC78T15BT Datasheet HTML 1Page - Motorola, Inc MC78T15BT Datasheet HTML 2Page - Motorola, Inc MC78T15BT Datasheet HTML 3Page - Motorola, Inc MC78T15BT Datasheet HTML 4Page - Motorola, Inc MC78T15BT Datasheet HTML 5Page - Motorola, Inc MC78T15BT Datasheet HTML 6Page - Motorola, Inc MC78T15BT Datasheet HTML 7Page - Motorola, Inc MC78T15BT Datasheet HTML 8Page - Motorola, Inc MC78T15BT Datasheet HTML 9Page - Motorola, Inc MC78T15BT Datasheet HTML 10Page - Motorola, Inc Next Button 

MC78T15BT Szczegóły Produktu

Three-Amperes Positive Voltage Regulators



This family of fixed voltage regulators are monolithic integrated circuits capable of driving loads in excess of 3.0 A. These three–terminal regulators employ internal current limiting, thermal shutdown, and safe–area compensation. Devices are available with improved specifications, including a 2% output voltage tolerance, on AC–suffix 5.0, 12 and 15 V device types.

Although designed primarily as a fixed voltage regulator, these devices can be used with external components to obtain adjustable voltages and currents. This series of devices can be used with a series–pass transistor to supply up to 15 A at the nominal output voltage.



• Output Current in Excess of 3.0 A

• Power Dissipation: 25 W

• No External Components Required

• Output Voltage Offered in 2% and 4% Tolerance*

• Thermal Regulation is Specified

• Internal Thermal Overload Protection

• Internal Short Circuit Current Limiting

• Output Transistor Safe–Area Compensation



 




Podobny numer części - MC78T15BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MC78T15 FAIRCHILD-MC78T15 Datasheet
44Kb / 8P
   3-Terminal 3A Positive Voltage Regulator
logo
ON Semiconductor
MC78T15ABT ONSEMI-MC78T15ABT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T15ABT ONSEMI-MC78T15ABT Datasheet
112Kb / 12P
   3.0 A Positive Voltage Regulators
March, 2004 ??Rev. 4
MC78T15AC ONSEMI-MC78T15AC Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
MC78T15ACT ONSEMI-MC78T15ACT Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
More results


Podobny opis - MC78T15BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC78T00 ONSEMI-MC78T00 Datasheet
162Kb / 12P
   THREE-AMPERE POSITIVE FIXED VOLTAGE REGULATORS
REV 1
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
MCT7800 MOTOROLA-MCT7800 Datasheet
224Kb / 12P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Thinki Semiconductor Co...
78M05 THINKISEMI-78M05 Datasheet
345Kb / 7P
   1 Ampere Surface Mount Positive Three Terminal Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKCSE3 TI1-UA7805CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results




O Motorola, Inc


Motorola, Inc. była amerykańską międzynarodową firmą telekomunikacyjną, która została założona w 1928 roku. Miała siedzibę w Schaumburgu w stanie Illinois i była jednym z największych dostawców telefonów komórkowych, sprzętu telekomunikacyjnego i półprzewodników. W całej swojej historii Motorola była znana z innowacji w dziedzinie telekomunikacji, w tym z rozwoju pierwszego na świecie dostępnego na rynku telefonu komórkowego, Dynatac i pierwszego na świecie dwukierunkowego pagera, Pageboya.

W 2011 r. Motorola podzielił się na dwie oddzielne firmy: Motorola Mobility i Motorola Solutions. Motorola Mobility została później przejęta przez Google w 2012 roku i jest obecnie spółką zależną Lenovo. Motorola Solutions koncentruje się na rozwiązaniach związanych z bezpieczeństwem publicznym i komercyjnym i przemysłowym. Firma zapewnia szeroką gamę produktów, w tym radiotelefony, mobilne urządzenia komputerowe i sprzęt infrastruktury sieciowej.

Motorola była jednym z pionierów branży telefonów komórkowych i ma bogatą historię innowacji i postępów technologicznych. Dziedzictwo firmy trwa poprzez jej spółki zależne, a jej technologia i produkty są nadal używane na całym świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com