Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV4053 Arkusz danych (PDF) - NXP Semiconductors

74LV4053 Datasheet PDF - NXP Semiconductors
Numer części 74LV4053
Pobierz  74LV4053 Pobierz

Rozmiar pliku   162.77 Kbytes
Page   26 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis Triple single-pole double-throw analog switch

74LV4053 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
74LV4053 Datasheet PDF - NXP Semiconductors

Numer części 74LV4053
Pobierz  74LV4053 Click to download

Rozmiar pliku   162.77 Kbytes
Page   26 Pages
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors
Szczegółowy opis Triple single-pole double-throw analog switch

74LV4053 Arkusz danych (HTML) - NXP Semiconductors

Back Button 74LV4053 Datasheet HTML 1Page - NXP Semiconductors 74LV4053 Datasheet HTML 2Page - NXP Semiconductors 74LV4053 Datasheet HTML 3Page - NXP Semiconductors 74LV4053 Datasheet HTML 4Page - NXP Semiconductors 74LV4053 Datasheet HTML 5Page - NXP Semiconductors 74LV4053 Datasheet HTML 6Page - NXP Semiconductors 74LV4053 Datasheet HTML 7Page - NXP Semiconductors 74LV4053 Datasheet HTML 8Page - NXP Semiconductors 74LV4053 Datasheet HTML 9Page - NXP Semiconductors 74LV4053 Datasheet HTML 10Page - NXP Semiconductors Next Button 

74LV4053 Szczegóły Produktu

General description

The 74LV4053 is a triple single-pole double-throw (SPDT) analog switch, suitable for use as an analog or digital multiplexer/demultiplexer. It is a low-voltage Si-gate CMOS device and is pin and function compatible with the 74HC4053 and 74HCT4053. Each switch has a digital select input (Sn), two independent inputs/outputs (nY0 and nY1) and a common input/output (nZ). All three switches share an enable input (E). A HIGH onE causes all switches into the high-impedance OFF-state, independent of Sn.



Features

Optimized for low-voltage applications: 1.0 V to 3.6 V

Accepts TTL input levels between VCC= 2.7 V and VCC= 3.6 V

Low ON resistance:

  180Ω(typical) at VCC−VEE= 2.0 V

  100Ω(typical) at VCC−VEE= 3.0 V

  75Ω(typical) at VCC−VEE= 4.5 V

Logic level translation:

  To enable 3 V logic to communicate with±3 V analog signals

Typical ‘break before make’ built in

ESD protection:

  HBM JESD22-A114-C exceeds 2000 V

  MM JESD22-A115-A exceeds 200 V

Multiple package options

Specified from−40°Cto+85°C and from−40°C to +125°C



Podobny numer części - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
   Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Nexperia B.V. All right...
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
logo
Texas Instruments
74LV4053A TI-74LV4053A Datasheet
820Kb / 22P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Nexperia B.V. All right...
74LV4053BQ NEXPERIA-74LV4053BQ Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
More results


Podobny opis - 74LV4053

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
HEF4053BT652 PHILIPS-HEF4053BT652 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
74LV4053-Q100 NEXPERIA-74LV4053-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
HEF4053B-Q100 NEXPERIA-HEF4053B-Q100 Datasheet
775Kb / 19P
   Triple single-pole double-throw analog switch
74LV4053 NEXPERIA-74LV4053 Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
logo
NXP Semiconductors
HEF4053B NXP-HEF4053B Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
HEF4053B PHILIPS-HEF4053B_15 Datasheet
201Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 11-11 September 2014
74LV4053 PHILIPS-74LV4053_15 Datasheet
243Kb / 27P
   Triple single-pole double-throw analog switch
Rev. 5-18 September 2014
HEF4053B NXP-HEF4053B_13 Datasheet
160Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 10-17 November 2011
logo
Nexperia B.V. All right...
HEF4053B NEXPERIA-HEF4053B Datasheet
289Kb / 16P
   Triple single-pole double-throw analog switch
Rev. 13 - 21 December 2021
logo
NXP Semiconductors
NX3L4053 PHILIPS-NX3L4053_15 Datasheet
266Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 5-25 June 2012
More results




O NXP Semiconductors


NXP Semiconductors to publicznie notowana międzynarodowa firma, która projektuje, rozwija i produkuje szeroką gamę półprzewodników i zintegrowanych obwodów dla różnych aplikacji, w tym rynków motoryzacyjnych, przemysłowych, komunikacyjnych i konsumenckich.

Firma została założona w 2006 roku i ma siedzibę w Eindhoven w Holandii.

NXP oferuje szerokie portfolio produktów, w tym między innymi mikrokontrolery, mikroprocesory, bezpieczne układy uwierzytelniające, systemy zarządzania energią, RF i komponenty mikrofalowe oraz rozwiązania czujników.

Produkty firmy są zaprojektowane tak, aby były energooszczędne, bezpieczne i niezawodne, i są wykorzystywane w różnych aplikacjach, w tym w systemach motoryzacyjnych, automatyzacji i kontroli przemysłowej, inteligentnych domach i budynkach oraz podłączonych urządzeniach.

NXP jest poświęcony innowacjom i zadowoleniu klientów i jest zaangażowany w zapewnianie swoim klientom najlepszych rozwiązań półprzewodników w celu zaspokojenia ich potrzeb.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com