Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9915BCPZ-REEL7 Arkusz danych (PDF) - Analog Devices

AD9915BCPZ-REEL7 Datasheet PDF - Analog Devices
Numer części AD9915BCPZ-REEL7
Pobierz  AD9915BCPZ-REEL7 Pobierz

Rozmiar pliku   877.64 Kbytes
Page   48 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC

AD9915BCPZ-REEL7 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AD9915BCPZ-REEL7 Datasheet PDF - Analog Devices

Numer części AD9915BCPZ-REEL7
Pobierz  AD9915BCPZ-REEL7 Click to download

Rozmiar pliku   877.64 Kbytes
Page   48 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC

AD9915BCPZ-REEL7 Arkusz danych (HTML) - Analog Devices

Back Button AD9915BCPZ-REEL7 Datasheet HTML 1Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 2Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD9915BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD9915BCPZ-REEL7 Szczegóły Produktu

GENERAL DESCRIPTION
The AD9915 is a direct digital synthesizer (DDS) featuring a 12-bit DAC. The AD9915 uses advanced DDS technology, coupled with an internal high speed, high performance DAC to form a digitally programmable, complete high frequency synthesizer capable of generating a frequency agile analog output sinusoidal waveform at up to 1.0 GHz. The AD9915 enables fast frequency hopping and fine tuning resolution (64-bit capable using programmable modulus mode). The AD9915 also offers fast phase and amplitude hopping capability.
   
FEATURES
    2.5 GSPS internal clock speed
    Integrated 12-bit DAC
    Frequency tuning resolution to 135 pHz
    16-bit phase tuning resolution
    12-bit amplitude scaling
    Programmable modulus
    Automatic linear and nonlinear frequency sweeping
        capability
    32-bit parallel datapath interface
    8 frequency/phase offset profiles
    Phase noise: −128 dBc/Hz (1 kHz offset at 978 MHz)
    Wideband SFDR < −57 dBc
    Serial or parallel input/output control
    1.8 V/3.3 V power supplies
    Software and hardware controlled power-down
    88-lead LFCSP package
    PLL REF CLK multiplier
    Phase modulation capability
    Amplitude modulation capability
    Multichip synchronization
   
APPLICATIONS
    Agile LO frequency synthesis
    Programmable clock generator
    FM chirp source for radar and scanning systems
    Test and measurement equipment
    Acousto-optic device drivers
    Polar modulator
    Fast frequency hopping
   




Podobny numer części - AD9915BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9910 AD-AD9910 Datasheet
488Kb / 13P
   1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
Rev. PrD
AD9910 AD-AD9910 Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
AD9910 AD-AD9910 Datasheet
390Kb / 3P
   Synchronizing Multiple AD9910 1 GSPS Direct Digital Synthesizers
REV. A
AD9910 AD-AD9910 Datasheet
1Mb / 64P
   CMOS Direct Digital Synthesizer
AD9910/PCBZ AD-AD9910/PCBZ Datasheet
1Mb / 60P
   1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
REV. 0
More results


Podobny opis - AD9915BCPZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9914 AD-AD9914 Datasheet
852Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914 Datasheet
898Kb / 48P
   3.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
   3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
   1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9912 AD-AD9912 Datasheet
113Kb / 3P
   1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
Rev. F
AD9914S AD-AD9914S Datasheet
1Mb / 17P
   3.5 GPSP Direct Digital Synthesizer with 12-Bit DAC
Rev. 0
AD9174 AD-AD9174_V01 Datasheet
3Mb / 164P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9174 AD-AD9174 Datasheet
2Mb / 163P
   Dual, 16-Bit, 12.6 GSPS RF DAC and Direct Digital Synthesizer
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
   1 GSPS Direct Digital Synthesizer
REV. C
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com