Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ALVCH2245 Arkusz danych (PDF) - Fairchild Semiconductor

74ALVCH2245 Datasheet PDF - Fairchild Semiconductor
Numer części 74ALVCH2245
Pobierz  74ALVCH2245 Pobierz

Rozmiar pliku   84.8 Kbytes
Page   7 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs

74ALVCH2245 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
74ALVCH2245 Datasheet PDF - Fairchild Semiconductor

Numer części 74ALVCH2245
Pobierz  74ALVCH2245 Click to download

Rozmiar pliku   84.8 Kbytes
Page   7 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs

74ALVCH2245 Arkusz danych (HTML) - Fairchild Semiconductor

74ALVCH2245 Datasheet HTML 1Page - Fairchild Semiconductor 74ALVCH2245 Datasheet HTML 2Page - Fairchild Semiconductor 74ALVCH2245 Datasheet HTML 3Page - Fairchild Semiconductor 74ALVCH2245 Datasheet HTML 4Page - Fairchild Semiconductor 74ALVCH2245 Datasheet HTML 5Page - Fairchild Semiconductor 74ALVCH2245 Datasheet HTML 6Page - Fairchild Semiconductor 74ALVCH2245 Datasheet HTML 7Page - Fairchild Semiconductor

74ALVCH2245 Szczegóły Produktu

General Description
The ALVCH2245 contains eight non-inverting bidirectional buffers with 3-STATE outputs and is intended for bus oriented applications. The T/R input determines the direction of data flow. The OE input disables both the A and B Ports by placing them in a high impedance state. The ALVCH2245 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level.

Features
■ 1.65V to 3.6V VCC supply operation
■ 3.6V tolerant control inputs
■ Bushold on data inputs eliminates the need for external pull-up/pull-down resistors
■ 26Ω series resistors in B Port outputs
■ tPD (A to B)
   4.9 ns max for 3.0V to 3.6V VCC
   6.1 ns max for 2.3V to 2.7V VCC
   9.8 ns max for 1.65V to 1.95V VCC
■ Uses patented Quiet Series™ noise/EMI reduction circuitry
■ Latchup conforms to JEDEC JED78
■ ESD performance:
Human body model > 2000V
Machine model > 200V




Podobny numer części - 74ALVCH2245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ALVCH244DGVRE4 TI-74ALVCH244DGVRE4 Datasheet
321Kb / 16P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVCH244DGVRG4 TI-74ALVCH244DGVRG4 Datasheet
321Kb / 16P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ALVCH245 FAIRCHILD-74ALVCH245 Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245MTC FAIRCHILD-74ALVCH245MTC Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
74ALVCH245MTCX FAIRCHILD-74ALVCH245MTCX Datasheet
82Kb / 7P
   Low Voltage Bidirectional Transceiver with Bushold
More results


Podobny opis - 74ALVCH2245

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCXH2245 FAIRCHILD-74LCXH2245 Datasheet
200Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26??Series Resistors in B Outputs
74VCXH2245 FAIRCHILD-74VCXH2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with Bushold and 26廓 Series Resistors in B Outputs
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
82Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com