Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX86M Arkusz danych (PDF) - Fairchild Semiconductor

74VCX86M Datasheet PDF - Fairchild Semiconductor
Numer części 74VCX86M
Pobierz  74VCX86M Pobierz

Rozmiar pliku   63.43 Kbytes
Page   10 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs

74VCX86M Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
74VCX86M Datasheet PDF - Fairchild Semiconductor

Numer części 74VCX86M
Pobierz  74VCX86M Click to download

Rozmiar pliku   63.43 Kbytes
Page   10 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs

74VCX86M Arkusz danych (HTML) - Fairchild Semiconductor

74VCX86M Datasheet HTML 1Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 2Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 3Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 4Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 5Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 6Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 7Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 8Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 9Page - Fairchild Semiconductor 74VCX86M Datasheet HTML 10Page - Fairchild Semiconductor

74VCX86M Szczegóły Produktu

General Description
The VCX86 contains four 2-input exclusive OR gates. This product is designed for low voltage (1.2V to 3.6V) VCC applications with I/O compatibility up to 3.6V.
The 74VCX86 is fabricated with an advanced CMOS technology to achieve high-speed operation while maintaining low CMOS power dissipation.

Features
■ 1.2V to 3.6V VCC supply operation
■ 3.6V tolerant inputs and outputs
■ tPD
    3.0 ns max for 3.0V to 3.6V VCC
■ Power-off high impedance inputs and outputs
■ Static Drive (IOH/IOL)
    ±24 mA @ 3.0V VCC
■ Uses patented noise/EMI reduction circuitry
■ Latchup performance exceeds JEDEC 78 conditions
■ ESD performance:
    Human body model ! 2000V
    Machine model ! 250V
■ Leadless Pb-Free DQFN package




Podobny numer części - 74VCX86M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
More results


Podobny opis - 74VCX86M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVC86 FAIRCHILD-74ALVC86 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC86 FAIRCHILD-74ALVC86_05 Datasheet
93Kb / 5P
   Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX32FT TOSHIBA-TC74VCX32FT Datasheet
282Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT OR GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX32M FAIRCHILD-74VCX32M Datasheet
512Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32_05 Datasheet
92Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC32 FAIRCHILD-74ALVC32 Datasheet
71Kb / 5P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74VCX32 FAIRCHILD-74VCX32 Datasheet
513Kb / 10P
   Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com