Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHCT373AM Arkusz danych (PDF) - Fairchild Semiconductor

74VHCT373AM Datasheet PDF - Fairchild Semiconductor
Numer części 74VHCT373AM
Pobierz  74VHCT373AM Pobierz

Rozmiar pliku   90.87 Kbytes
Page   8 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Octal D-Type Latch with 3-STATE Outputs

74VHCT373AM Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
74VHCT373AM Datasheet PDF - Fairchild Semiconductor

Numer części 74VHCT373AM
Pobierz  74VHCT373AM Click to download

Rozmiar pliku   90.87 Kbytes
Page   8 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Octal D-Type Latch with 3-STATE Outputs

74VHCT373AM Arkusz danych (HTML) - Fairchild Semiconductor

74VHCT373AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT373AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT373AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT373AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT373AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT373AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT373AM Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT373AM Datasheet HTML 8Page - Fairchild Semiconductor

74VHCT373AM Szczegóły Produktu

General Description
The VHCT373A is an advanced high speed CMOS octal D-type latch with 3-STATE output fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This 8-bit D-type latch is controlled by a latch enable input (LE) and an output enable input (OE). The latches appear transparent to data when latch enable (LE) is HIGH. When LE is LOW, the data that meets the setup time is latched. When the OE input is HIGH, the eight outputs are in a high impedance state.
Protection circuits ensure that 0V to 7V can be applied to the input and output (Note 1) pins without regard to the supply voltage. This device can be used to interface 3V to 5V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.

Features
■ High speed: tPD 7.7 ns (typ) at TA 25°C
■ High Noise Immunity: VIH 2.0V, VIL 0.8V
■ Power Down Protection is provided on all inputs and outputs
■ Low Power Dissipation:
   ICC 4 μA (max) @ TA 25°C
■ Pin and Function Compatible with 74HCT373




Podobny numer części - 74VHCT373AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHCT373AM STMICROELECTRONICS-74VHCT373AM Datasheet
73Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
74VHCT373AMTR STMICROELECTRONICS-74VHCT373AMTR Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
More results


Podobny opis - 74VHCT373AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com