Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHCT573 Arkusz danych (PDF) - Fairchild Semiconductor

74VHCT573 Datasheet PDF - Fairchild Semiconductor
Numer części 74VHCT573
Pobierz  74VHCT573 Pobierz

Rozmiar pliku   91.33 Kbytes
Page   8 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Octal D-Type Latch with 3-STATE Outputs

74VHCT573 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
74VHCT573 Datasheet PDF - Fairchild Semiconductor

Numer części 74VHCT573
Pobierz  74VHCT573 Click to download

Rozmiar pliku   91.33 Kbytes
Page   8 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis Octal D-Type Latch with 3-STATE Outputs

74VHCT573 Arkusz danych (HTML) - Fairchild Semiconductor

74VHCT573 Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT573 Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT573 Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT573 Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT573 Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT573 Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT573 Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT573 Datasheet HTML 8Page - Fairchild Semiconductor

74VHCT573 Szczegóły Produktu

General Description
The VHCT573A is an advanced high speed CMOS octal latch with 3-STATE output fabricated with silicon gate CMOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This 8-bit D-type latch is controlled by a Latch Enable input (LE) and an Output Enable input (OE). When the OE input is HIGH, the eight outputs are in a high impedance state.
Protection circuits ensure that 0V to 7V can be applied to the input and output (Note 1) pins without regard to the supply voltage. This device can be used to interface 3V to 5V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.

Features
■ High speed: tPD = 7.7 ns (typ) at TA = 25°C
■ High Noise Immunity: VIH = 2.0V, VIL = 0.8V
■ Power Down Protection is provided on all inputs and outputs
■ Low Noise: VOLP = 1.6V (max)
■ Low Power Dissipation:
   ICC = 4 μA (max) @ TA 25°C
■ Pin and function compatible with 74HCT573




Podobny numer części - 74VHCT573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHCT573A STMICROELECTRONICS-74VHCT573A Datasheet
74Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
ON Semiconductor
74VHCT573A ONSEMI-74VHCT573A Datasheet
266Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Toshiba Semiconductor
74VHCT573AFT TOSHIBA-74VHCT573AFT Datasheet
177Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
logo
STMicroelectronics
74VHCT573AM STMICROELECTRONICS-74VHCT573AM Datasheet
74Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
ON Semiconductor
74VHCT573AM ONSEMI-74VHCT573AM Datasheet
266Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
More results


Podobny opis - 74VHCT573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com