Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM24C32 Arkusz danych (PDF) - Fairchild Semiconductor

FM24C32 Datasheet PDF - Fairchild Semiconductor
Numer części FM24C32
Pobierz  FM24C32 Pobierz

Rozmiar pliku   85.78 Kbytes
Page   13 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 32K-Bit Standard 2-Wire Bus Interface Serial EEPROM

FM24C32 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FM24C32 Datasheet PDF - Fairchild Semiconductor

Numer części FM24C32
Pobierz  FM24C32 Click to download

Rozmiar pliku   85.78 Kbytes
Page   13 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 32K-Bit Standard 2-Wire Bus Interface Serial EEPROM

FM24C32 Arkusz danych (HTML) - Fairchild Semiconductor

Back Button FM24C32 Datasheet HTML 1Page - Fairchild Semiconductor FM24C32 Datasheet HTML 2Page - Fairchild Semiconductor FM24C32 Datasheet HTML 3Page - Fairchild Semiconductor FM24C32 Datasheet HTML 4Page - Fairchild Semiconductor FM24C32 Datasheet HTML 5Page - Fairchild Semiconductor FM24C32 Datasheet HTML 6Page - Fairchild Semiconductor FM24C32 Datasheet HTML 7Page - Fairchild Semiconductor FM24C32 Datasheet HTML 8Page - Fairchild Semiconductor FM24C32 Datasheet HTML 9Page - Fairchild Semiconductor FM24C32 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FM24C32 Szczegóły Produktu

General Description
FM24C32U is a 32Kbit CMOS non-volatile serial EEPROM organized as 4K x 8 bit memory. This device confirms to Extended IIC 2-wire protocol that allows accessing of memory in excess of 16Kbit on an IIC bus. This serial communication protocol uses a Clock signal (SCL) and a Data signal (SDA) to synchronously clock data between a master (e.g. a microcontroller) and a slave (EEPROM). FM24C32U is designed to minimize pin count and simplify PC board layout requirements.

Features
■ Extended operating voltage: 2.7V to 5.5V
■ Up to 400 KHz clock frequency at 2.7V to 5.5V
■ Low power consumption
    —0.2mA active current typical
    —10µA standby current typical
    —1µA standby current typical (L version)
    —0.1µA standby current typical (LZ version)
■ Schmitt trigger inputs
■ 32 byte page write mode
■ Self timed write cycle (6ms typical)
■ Hardware Write Protection for upper half of the array
■ Low VCC programming lockout for VCC = 5V±10% (“H” option)
    —Internal ERASE/WRITE logic is disabled if VCC is below 3.8V
■ Endurance: 1 Million data changes
■ Data Retention: Greater than 40 years
■ Packages: 8-Pin DIP and 8-Pin SO
■ Temperature range
    —Commercial: 0°C to +70°C
    —Industrial (V): -40°C to +85°C
    —Automotive (E): -40°C to +125°C




Podobny numer części - FM24C32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM24C02 FAIRCHILD-FM24C02 Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
More results


Podobny opis - FM24C32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com