Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM24C05ULZ Arkusz danych (PDF) - Fairchild Semiconductor

FM24C05ULZ Datasheet PDF - Fairchild Semiconductor
Numer części FM24C05ULZ
Pobierz  FM24C05ULZ Pobierz

Rozmiar pliku   105.7 Kbytes
Page   14 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM

FM24C05ULZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
FM24C05ULZ Datasheet PDF - Fairchild Semiconductor

Numer części FM24C05ULZ
Pobierz  FM24C05ULZ Click to download

Rozmiar pliku   105.7 Kbytes
Page   14 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 4K-Bit Standard 2-Wire Bus Interface Serial EEPROM

FM24C05ULZ Arkusz danych (HTML) - Fairchild Semiconductor

Back Button FM24C05ULZ Datasheet HTML 1Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 2Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 3Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 4Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 5Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 6Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 7Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 8Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 9Page - Fairchild Semiconductor FM24C05ULZ Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FM24C05ULZ Szczegóły Produktu

General Description

The FM24C04U/05U devices are 4096 bits of CMOS non-volatile electrically erasable memory. These devices conform to all specifications in the Standard IIC 2-wire protocol.  They are designed to minimize device pin count and simplify PC board layout requirements.



Features

■ Extended operating voltage 2.7V – 5.5V

■ 400 KHz clock frequency (F) at 2.7V - 5.5V

■ 200µA active current typical

    10µA standby current typical

    1µA standby current typical (L)

    0.1µA standby current typical (LZ)

■ IIC compatible interface

    – Provides bi-directional data transfer protocol

■  Sixteen byte page write mode

    – Minimizes total write time per byte

■ Self timed write cycle

    Typical write cycle time of 6ms

■ Hardware Write Protect for upper half (FM24C05U only)

■ Endurance: 1,000,000 data changes

■ Data retention greater than 40 years

■ Packages available: 8-pin DIP, 8-pin SO, and 8-pin TSSOP

■ Available in three temperature ranges

    - Commercial: 0°to +70°C

    - Extended (E): -40°to +85C

    - Automotive (V): -40°to +125°C




Podobny numer części - FM24C05ULZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
   Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Fairchild Semiconductor
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U/03U FAIRCHILD-FM24C02U/03U Datasheet
105Kb / 14P
   8K-Bit Standard 2-Wire Bus
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
More results


Podobny opis - FM24C05ULZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
NM24C04 FAIRCHILD-NM24C04 Datasheet
104Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com