Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4-640429-8 Arkusz danych (PDF) - Tyco Electronics

4-640429-8 Datasheet PDF - Tyco Electronics
Numer części 4-640429-8
Pobierz  4-640429-8 Pobierz

Rozmiar pliku   141.65 Kbytes
Page   1 Pages
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics
Szczegółowy opis MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD

4-640429-8 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
4-640429-8 Datasheet PDF - Tyco Electronics

Numer części 4-640429-8
Pobierz  4-640429-8 Click to download

Rozmiar pliku   141.65 Kbytes
Page   1 Pages
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics
Szczegółowy opis MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD

4-640429-8 Arkusz danych (HTML) - Tyco Electronics

4-640429-8 Datasheet HTML 1Page - Tyco Electronics

4-640429-8 Szczegóły Produktu

.156 [3.96] Centerline MTA-156 IDC Connectors and Headers

Product Facts
■ Connectors and headers for 2 through 24 positions; wire sizes of 18, 20, 22, 24 and 26 AWG [0 .9– 0.12 mm2]
■ Connectors and headers, except shrouded headers, are end-to-end stackable
■ Quad Connectors for higher current rating (page 54)
■ Posted connectors for 2,3, 4,6,9,12,15 and 24 positions
■ Card edge connectors for 3,6,9,12,15,18 and 20 through 24 positions
■ Connectors preloaded with IDC contacts
■ All contacts are slotted for insulation displacement (IDC) termination technique
■ Connector styles include both closed end and feed thru, with and without lock ing ramps and polarizing tabs
■ Molded ribs on housing do not allow reverse mating
■ Contacts are lubricated for fretting corrosion protection
■ Benefits derived from the MTA-156 system include increases quality and ease of handling such as —
   ■ One-step assembly
   ■ No wire stripping
   ■ No contact damage
   ■ Reduced wiring errors
   ■ Simpler tooling
   ■ Simple maintenance and repair
■ Meets the material require ments of Table 23.1 of UL 1410 Standards for Television Receiver and Video Products (wire-to post connectors only)
■ Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476
■ Certified by Canadian Standards Association, File No. LR7189




Podobny numer części - 4-640429-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
4-640430-0 MACOM-4-640430-0 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-1 MACOM-4-640430-1 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-2 MACOM-4-640430-2 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-3 MACOM-4-640430-3 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
4-640430-4 MACOM-4-640430-4 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
More results


Podobny opis - 4-640429-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640432 MACOM-640432 Datasheet
140Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640430 MACOM-640430 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
3-640426-2 MACOM-3-640426-2 Datasheet
134Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG, STANDARD
640433 MACOM-640433 Datasheet
129Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
640435 MACOM-640435 Datasheet
148Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
641199 MACOM-641199 Datasheet
148Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
640441 MACOM-640441 Datasheet
140Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
644878 MACOM-644878 Datasheet
139Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY 18 AWG, STANDARD, TAPE MOUNTED
More results




O Tyco Electronics


Tyco Electronics był wiodącym dostawcą komponentów elektronicznych, rozwiązań sieciowych i systemów bezprzewodowych. Firma została pierwotnie założona w 1999 r. Jako Tyco International, a później została przemianowana na Tyco Electronics w 2007 roku. Tyco Electronics miał globalną obecność, z operacją w ponad 50 krajach i sile roboczej około 20 000 pracowników.

Firma zapewniła szeroką gamę produktów i usług, w tym złącza, sztafety, rozwiązania do zarządzania energią, urządzenia ochrony obwodów i inne komponenty elektroniczne dla różnych branż, w tym elektroniki motoryzacyjnej, komunikacyjnej, medycznej, przemysłowej i konsumpcyjnej. Tyco Electronics był znany z koncentrowania się na jakości, niezawodności i innowacji i został uznany za lidera w branży elektronicznej.

W 2012 r. Tyco Electronics został nabyty przez TE Connectivity, wiodącego dostawcę rozwiązań łączności i czujników. Przejęcie pomogło łączność TE w rozszerzeniu portfela produktów i ofert w branży elektronicznej i jeszcze bardziej wzmocnić swoją pozycję na rynku. Tyco Electronics jest teraz spółką zależną od łączności TE i nadal zapewnia wysokiej jakości produkty i usługi dla swoich klientów.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com