Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HGTG7N60A4D Arkusz danych (PDF) - Fairchild Semiconductor

HGTG7N60A4D Datasheet PDF - Fairchild Semiconductor
Numer części HGTG7N60A4D
Pobierz  HGTG7N60A4D Pobierz

Rozmiar pliku   143.32 Kbytes
Page   9 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG7N60A4D Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
HGTG7N60A4D Datasheet PDF - Fairchild Semiconductor

Numer części HGTG7N60A4D
Pobierz  HGTG7N60A4D Click to download

Rozmiar pliku   143.32 Kbytes
Page   9 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis 600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode

HGTG7N60A4D Arkusz danych (HTML) - Fairchild Semiconductor

HGTG7N60A4D Datasheet HTML 1Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 2Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 3Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 4Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 5Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 6Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 7Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 8Page - Fairchild Semiconductor HGTG7N60A4D Datasheet HTML 9Page - Fairchild Semiconductor

HGTG7N60A4D Szczegóły Produktu

The HGTG7N60A4D, HGTP7N60A4D and HGT1S7N60A4DS are MOS gated high voltage switching devices combining the best features of MOSFETs and bipolar transistors. These devices have the high input impedance of a MOSFET and the low on-state conduction loss of a bipolar transistor. The much lower on-state voltage drop varies only moderately between 25oC and 150oC. The IGBT used is the development type TA49331. The diode used in anti-parallel is the development type TA49370.
This IGBT is ideal for many high voltage switching applications operating at high frequencies where low conduction losses are essential. This device has been optimized for high frequency switch mode power supplies.

Features
• >100kHz Operation At 390V, 7A
• 200kHz Operation At 390V, 5A
• 600V Switching SOA Capability
• Typical Fall Time. . . . . . . . . . . . . . . . . 75ns at TJ = 125°C
• Low Conduction Loss
• Temperature Compensating SABER™ Model www.fairchildsemi.com




Podobny numer części - HGTG7N60A4D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
logo
Fairchild Semiconductor
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Podobny opis - HGTG7N60A4D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGTG30N60A4D INTERSIL-HGTG30N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGT1N30N60A4D FAIRCHILD-HGT1N30N60A4D Datasheet
144Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGTG7N60A4D FAIRCHILD-HGTG7N60A4D_05 Datasheet
189Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
HGT1N40N60A4D FAIRCHILD-HGT1N40N60A4D Datasheet
152Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG12N60A4D INTERSIL-HGTG12N60A4D Datasheet
394Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
November 1999
HGTG7N60A4D INTERSIL-HGTG7N60A4D Datasheet
134Kb / 8P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
March 2000
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com