Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF101 Arkusz danych (PDF) - Yea Shin Technology Co., Ltd

UF101 Datasheet PDF - Yea Shin Technology Co., Ltd
Numer części UF101
Pobierz  UF101 Pobierz

Rozmiar pliku   79.02 Kbytes
Page   2 Pages
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Szczegółowy opis ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere

UF101 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
UF101 Datasheet PDF - Yea Shin Technology Co., Ltd

Numer części UF101
Pobierz  UF101 Click to download

Rozmiar pliku   79.02 Kbytes
Page   2 Pages
Producent  YEASHIN [Yea Shin Technology Co., Ltd]
Strona internetowa  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Szczegółowy opis ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere

UF101 Arkusz danych (HTML) - Yea Shin Technology Co., Ltd

UF101 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd UF101 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd

UF101 Szczegóły Produktu

FEATURES
 • Plastic package has Underwriters Laboratory
    Flammability Classification 94V-O utilizing
    Flame Retardant Epoxy Molding Copound
 • Class passivaeed Jumction In DO-41 Package
 • 1.0 ampere operation at TA=55°C with nothermal runaway
 • Exceeds environmental standards at terminals
 • Ultra fastswitchingfor high efficiency
 • High temperature soldering: 260°C
 • Pbfree product at available : 99% Sn above meet RoHS environment substance directive request




Podobny numer części - UF101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF101 PANJIT-UF101 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF101 TRSYS-UF101 Datasheet
158Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF101 PANJIT-UF101 Datasheet
93Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
UF101 PANJIT-UF101 Datasheet
45Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
UF101 SUNMATE-UF101 Datasheet
89Kb / 2P
   1.0A Axial Leaded Ultrfast Switching Fast Rectifier
More results


Podobny opis - UF101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Yea Shin Technology Co....
UF150 YEASHIN-UF150 Datasheet
41Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
logo
DAESAN ELECTRONIC CORP.
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results



Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com