Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML4823IQ Arkusz danych (PDF) - Fairchild Semiconductor

ML4823IQ Datasheet PDF - Fairchild Semiconductor
Numer części ML4823IQ
Pobierz  ML4823IQ Pobierz

Rozmiar pliku   121.55 Kbytes
Page   9 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis High Frequency Power Supply Controller

ML4823IQ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ML4823IQ Datasheet PDF - Fairchild Semiconductor

Numer części ML4823IQ
Pobierz  ML4823IQ Click to download

Rozmiar pliku   121.55 Kbytes
Page   9 Pages
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Szczegółowy opis High Frequency Power Supply Controller

ML4823IQ Arkusz danych (HTML) - Fairchild Semiconductor

ML4823IQ Datasheet HTML 1Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 2Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 3Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 4Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 5Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 6Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 7Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 8Page - Fairchild Semiconductor ML4823IQ Datasheet HTML 9Page - Fairchild Semiconductor

ML4823IQ Szczegóły Produktu

GENERAL DESCRIPTION
The ML4823 High Frequency PWM Controller is an IC controller optimized for use in Switch Mode Power Supply designs running at frequencies to 1MHz. Propagation delays are minimal through the comparators and logic for reliable high frequency operation while slew rate and bandwidth are maximized on the error amplifier. This controller is designed for single-ended applications using voltage or current mode and provides for input voltage feed forward.
A 1V threshold current limit comparator provides cycle by-cycle current limit and exceeding a 1.4V threshold initiates a soft-start cycle. The soft start pin doubles as a maximum duty cycle clamp. All logic is fully latched to provide jitter-free operation and prevent multiple pulsing. An under-voltage lockout circuit with 800mV of hysteresis assures low startup current and drives the outputs low during fault conditions.
This controller is an improved second source for the UC3823 controller; however, the ML4823 includes features not found on the 3823. These features are set in italics.

FEATURES
■ Practical operation at switching frequencies to 1.0MHz
■ High current (2A peak) totem pole output
■ Wide bandwidth error amplifier
■ Fully latched logic with double pulse suppression
■ Pulse-by-pulse current limiting
■ Soft start and max. duty cycle control
■ Under voltage lockout with hysteresis
■ 5.1V trimmed bandgap reference
■ Low start-up current (1.1mA)
■ Pin compatible improved replacement for UC3823
■ Fast shut down path from current limit to output
■ Soft start latch ensures full soft start cycle
■ Outputs pull low for undervoltage lockout




Podobny numer części - ML4823IQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4823IP MICRO-LINEAR-ML4823IP Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4823IS MICRO-LINEAR-ML4823IS Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
More results


Podobny opis - ML4823IQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
   High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
   High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
More results




O Fairchild Semiconductor


Fairchild Semiconductor był pionierską firmą półprzewodników, która została założona pod koniec lat 50. XX wieku.
Firma była znana z innowacji w opracowywaniu pierwszego tranzystora komercyjnego i jej wkładu w rozwój technologii zintegrowanego obwodu.
Fairchild stał się wiodącym dostawcą półprzewodników energetycznych, analogowych i mieszanych obwodów zintegrowanych oraz innych produktów półprzewodników.
Firma została przejęta przez Semiconductor w 2016 roku, a jej produkty i technologie są nadal opracowywane i sprzedawane pod marką półprzewodnikową.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com