Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6T200A Arkusz danych (PDF) - Vishay Siliconix

SM6T200A Datasheet PDF - Vishay Siliconix
Numer części SM6T200A
Pobierz  SM6T200A Pobierz

Rozmiar pliku   128.24 Kbytes
Page   6 Pages
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Szczegółowy opis Surface Mount TRANSZORB Transient Voltage Suppressors

SM6T200A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SM6T200A Datasheet PDF - Vishay Siliconix

Numer części SM6T200A
Pobierz  SM6T200A Click to download

Rozmiar pliku   128.24 Kbytes
Page   6 Pages
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Szczegółowy opis Surface Mount TRANSZORB Transient Voltage Suppressors

SM6T200A Arkusz danych (HTML) - Vishay Siliconix

SM6T200A Datasheet HTML 1Page - Vishay Siliconix SM6T200A Datasheet HTML 2Page - Vishay Siliconix SM6T200A Datasheet HTML 3Page - Vishay Siliconix SM6T200A Datasheet HTML 4Page - Vishay Siliconix SM6T200A Datasheet HTML 5Page - Vishay Siliconix SM6T200A Datasheet HTML 6Page - Vishay Siliconix

SM6T200A Szczegóły Produktu

FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• 600 W peak pulse power capability with a 10/1000 µs waveform
• Available in uni-directional and bi-directional
• Excellent clamping capability
• Low inductance
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

TYPICAL APPLICATIONS
    Use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ICs, MOSFET, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication.




Podobny numer części - SM6T200A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM6T200A STMICROELECTRONICS-SM6T200A Datasheet
186Kb / 5P
   TRANSILTM
logo
Shenzhen Luguang Electr...
SM6T200A LUGUANG-SM6T200A Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
General Semiconductor
SM6T200A GE-SM6T200A Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SM6T200A SUNMATE-SM6T200A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T200A VISHAY-SM6T200A Datasheet
36Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
More results


Podobny opis - SM6T200A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results




O Vishay Siliconix


Vishay Siliconix jest spółką zależną Vishay Intertechnology, globalnego producenta pasywnych komponentów elektronicznych.
Vishay Siliconix specjalizuje się w projektowaniu, produkcji i marketingu mosfetów energetycznych, IGBT i innych półprzewodników mocy.
Firma została założona w 1962 roku i ma siedzibę w Santa Clara w Kalifornii.
Vishay Siliconix zapewnia rozwiązania energetyczne dla różnych zastosowań, w tym systemy energii odnawialnej, sprzęt przemysłowy, komputer i telekomunikacja oraz elektronika samochodowa.
Produkty firmy są przeznaczone do wysokiej wydajności, niskiej zużycia energii i wysokiej niezawodności i są wytwarzane w najnowocześniejszych obiektach przy użyciu zaawansowanych procesów produkcyjnych.
Koncentrując się na innowacjach i satysfakcji klientów, Vishay Siliconix jest zaangażowany w zapewnianie swoim klientom najlepszych rozwiązań do zarządzania energią w celu zaspokojenia ich potrzeb.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com