Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMBG13 Arkusz danych (PDF) - Microsemi Corporation

SMBG13 Datasheet PDF - Microsemi Corporation
Numer części SMBG13
Pobierz  SMBG13 Pobierz

Rozmiar pliku   183.1 Kbytes
Page   4 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis SURFACE MOUNT 600 Watt Transient Voltage Suppressor

SMBG13 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SMBG13 Datasheet PDF - Microsemi Corporation

Numer części SMBG13
Pobierz  SMBG13 Click to download

Rozmiar pliku   183.1 Kbytes
Page   4 Pages
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Szczegółowy opis SURFACE MOUNT 600 Watt Transient Voltage Suppressor

SMBG13 Arkusz danych (HTML) - Microsemi Corporation

SMBG13 Datasheet HTML 1Page - Microsemi Corporation SMBG13 Datasheet HTML 2Page - Microsemi Corporation SMBG13 Datasheet HTML 3Page - Microsemi Corporation SMBG13 Datasheet HTML 4Page - Microsemi Corporation

SMBG13 Szczegóły Produktu

DESCRIPTION
This SMBJ5.0-170A or SMBG5.0-170A series of surface mount 600 W Transient Voltage Suppressors (TVSs) protects a variety of voltage-sensitive components from destruction or degradation. It is available in J-bend design (SMBJ) with the DO-214AA package for greater PC board mounting density or in a Gull-wing design (SMBG) in the DO-215AA for visible solder connections. It is also available in both unidirectional and bidirectional configurations with a C or CA suffix part number as well as RoHS Compliant with an e3 suffix. Their response time is virtually instantaneous. As a result, they can be used for protection from ESD or EFT per IEC61000-4-2 and IEC61000-4-4, or for inductive switching environments and induced RF protection. They can also protect from secondary lightning effects per IEC61000-4-5 and class levels defined herein. Microsemi also offers numerous other TVS products to meet higher and lower power demands and special applications.

FEATURES
• Available in both unidirectional and bidirectional
   construction (add C or CA suffix for bidirectional)
• Selections for 5.0 to 170 volts standoff voltages (VWM)
• Optional 100% screening for avionics grade is available
   by adding MA prefix to part number for 100% temperature
   cycle -55oC to +125oC (10X) as well as surge (3X) and 24
   hours HTRB with post test VZ & IR (in operating direction
   for unidirectional or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF-19500
   for JANTX are available by adding MX prefix to the part
   number.
• Axial-lead equivalent packages for thru-hole mounting
   available as P6KE6.8 to P6KE200CA (consult factory for
   other surface mount options)
• Moisture classification is Level 1 with no dry pack required
   per IPC/JEDEC J-STD-020B
• RoHS compliant devices available by adding an “e3” suffix

APPLICATIONS / BENEFITS
• Economical surface mount design in both J-bend or Gull-wing terminations
• Protects sensitive components such as IC’s, CMOS, Bipolar, BiCMOS, ECL, DTL, T2L, etc.
• Protection from switching transients & induced RF
• Compliant to IEC61000-4-2 and IEC61000-4-4 for ESD and EFT protection respectively
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   Class 1: SMB 5.0 to SMB 120A or CA
   Class 2: SMB 5.0 to SMB 60A or CA
   Class 3: SMB 5.0 to SMB 30A or CA
• Class 4: SMB 5.0 to SMB 15A or CA
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
   Class 1: SMB 5.0 to SMB 36A or CA
• Class 2: SMB 5.0 to SMB 18A or CA




Podobny numer części - SMBG13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
SMBG13 GE-SMBG13 Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG13 MICROSEMI-SMBG13 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG13 MICROSEMI-SMBG13 Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG13 MICROSEMI-SMBG13 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG13 MICROSEMI-SMBG13 Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Podobny opis - SMBG13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG28CA MICROSEMI-SMBG28CA Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ43CAE3 MICROSEMI-SMBJ43CAE3 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ30ATR MICROSEMI-SMBJ30ATR Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results




O Microsemi Corporation


Microsemi Corporation była amerykańską firmą specjalizującą się w projektowaniu i produkcji rozwiązań półprzewodników i systemów.
Firma została założona w 1960 roku i miała siedzibę w Aliso Viejo w Kalifornii.
Microsemi dostarczyło szeroką gamę produktów, w tym analogowe i mieszane obwody zintegrowane, produkowane tablice bram (FPGA), produkty zarządzania energią i kontrolą oraz inne roztwory półprzewodników.
Produkty firmy były wykorzystywane w różnych zastosowaniach, takich jak obrona i bezpieczeństwo, lotnictwo i lotnictwo, przemysł i komunikacja.
Microsemi było znane ze swojej wiedzy specjalistycznej w dziedzinie technologii półprzewodników i zdolności do dostarczania wysokiej jakości i niezawodnych produktów dla swoich klientów.
W 2018 r. Microsemi zostało przejęte przez MicroChip Technology, wiodącego dostawcę produktów mikrokontrolerów, mieszanych, analogowych i bezpieczeństwa.
Marka Microsemi nie jest już używana, ale jej technologia i produkty są nadal częścią portfolio Microchip.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com