Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

JANSR2N7440 Arkusz danych (PDF) - Intersil Corporation

JANSR2N7440 Datasheet PDF - Intersil Corporation
Numer części JANSR2N7440
Pobierz  JANSR2N7440 Pobierz

Rozmiar pliku   71.55 Kbytes
Page   8 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Formerly Available as FSS913A0R4, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs

JANSR2N7440 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
JANSR2N7440 Datasheet PDF - Intersil Corporation

Numer części JANSR2N7440
Pobierz  JANSR2N7440 Click to download

Rozmiar pliku   71.55 Kbytes
Page   8 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Formerly Available as FSS913A0R4, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs

JANSR2N7440 Arkusz danych (HTML) - Intersil Corporation

JANSR2N7440 Datasheet HTML 1Page - Intersil Corporation JANSR2N7440 Datasheet HTML 2Page - Intersil Corporation JANSR2N7440 Datasheet HTML 3Page - Intersil Corporation JANSR2N7440 Datasheet HTML 4Page - Intersil Corporation JANSR2N7440 Datasheet HTML 5Page - Intersil Corporation JANSR2N7440 Datasheet HTML 6Page - Intersil Corporation JANSR2N7440 Datasheet HTML 7Page - Intersil Corporation JANSR2N7440 Datasheet HTML 8Page - Intersil Corporation

JANSR2N7440 Szczegóły Produktu

The Discrete Products Operation of Intersil has developed a series of Radiation Hardened MOSFETs specifically designed for commercial and military space applications. Enhanced Power MOSFET immunity to Single Event Effects (SEE), Single Event Gate Rupture (SEGR) in particular, is combined with 100K RADS of total dose hardness to provide devices which are ideally suited to harsh space environments. The dose rate and neutron tolerance necessary for military applications have not been sacrificed.

Features
• 10A, -100V, rDS(ON) = 0.280Ω
• Total Dose
    - Meets Pre-RAD Specifications to 100K RAD (Si)
• Single Event
    - Safe Operating Area Curve for Single Event Effects
    - SEE Immunity for LET of 36MeV/mg/cm2 with VDS up to 80% of Rated Breakdown and VGS of 10V Off-Bias
• Dose Rate
    - Typically Survives 3E9 RAD (Si)/s at 80% BVDSS
    - Typically Survives 2E12 if Current Limited to IDM
• Photo Current
    - 1.5nA Per-RAD(Si)/s Typically
• Neutron
    - Maintain Pre-RAD Specifications for 3E13 Neutrons/cm2
    - Usable to 3E14 Neutrons/cm2




Podobny numer części - JANSR2N7440

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7401 INTERSIL-JANSR2N7401 Datasheet
55Kb / 8P
   6A, 250V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
More results


Podobny opis - JANSR2N7440

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
JANSR2N7439 INTERSIL-JANSR2N7439 Datasheet
58Kb / 8P
   Formerly Available As FSL923A0R4, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
JANSR2N7438 INTERSIL-JANSR2N7438 Datasheet
56Kb / 8P
   Formerly Available As FSL913A0R4, Radiation Hardened, SEGR Resistant, P-Channel Power MOSFETs
JANSR2N7408 INTERSIL-JANSR2N7408 Datasheet
55Kb / 8P
   Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
JANSR2N7407 INTERSIL-JANSR2N7407 Datasheet
55Kb / 8P
   Formerly Available As FSF254R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs
FSTJ9055D INTERSIL-FSTJ9055D Datasheet
72Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE923A0D INTERSIL-FSYE923A0D Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYC9160D INTERSIL-FSYC9160D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1998
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com