Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BL-L314-B Arkusz danych (PDF) - BetLux Electronics

BL-L314-B Datasheet PDF - BetLux Electronics
Numer części BL-L314-B
Pobierz  BL-L314-B Pobierz

Rozmiar pliku   231.64 Kbytes
Page   4 Pages
Producent  BETLUX [BetLux Electronics]
Strona internetowa  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Szczegółowy opis 3mm Round Type LED Lamps, Blinking LED lamp

BL-L314-B Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
BL-L314-B Datasheet PDF - BetLux Electronics

Numer części BL-L314-B
Pobierz  BL-L314-B Click to download

Rozmiar pliku   231.64 Kbytes
Page   4 Pages
Producent  BETLUX [BetLux Electronics]
Strona internetowa  http://www.betlux.com
Logo BETLUX - BetLux Electronics
Szczegółowy opis 3mm Round Type LED Lamps, Blinking LED lamp

BL-L314-B Arkusz danych (HTML) - BetLux Electronics

BL-L314-B Datasheet HTML 1Page - BetLux Electronics BL-L314-B Datasheet HTML 2Page - BetLux Electronics BL-L314-B Datasheet HTML 3Page - BetLux Electronics BL-L314-B Datasheet HTML 4Page - BetLux Electronics



Podobny numer części - BL-L314-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BetLux Electronics
BL-L314 BETLUX-BL-L314 Datasheet
232Kb / 4P
   3mm Round Type LED Lamps
BL-L314BGC BETLUX-BL-L314BGC Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314BGC BETLUX-BL-L314BGC Datasheet
232Kb / 4P
   Round Type LED lamp
BL-L314ED BETLUX-BL-L314ED Datasheet
71Kb / 3P
   Round Type LED lamp
BL-L314ED BETLUX-BL-L314ED Datasheet
232Kb / 4P
   3mm Round Type LED Lamps
More results


Podobny opis - BL-L314-B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lucky Light Electronic
GB-B226 LUCKY-LIGHT-GB-B226 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (3mm)
logo
BetLux Electronics
BL-L513SRC-B BETLUX-BL-L513SRC-B Datasheet
73Kb / 3P
   Round Type, Blinking LED lamp
BL-L513XX-B BETLUX-BL-L513XX-B Datasheet
232Kb / 4P
   Round Type, Blinking LED lamp
logo
Lucky Light Electronic
GB-B336 LUCKY-LIGHT-GB-B336 Datasheet
42Kb / 1P
   Blinking, Round Type LED Lamps (5mm)
logo
BetLux Electronics
BL-L304 BETLUX-BL-L304 Datasheet
229Kb / 4P
   3mm Round Type LED Lamps
BL-L314 BETLUX-BL-L314 Datasheet
232Kb / 4P
   3mm Round Type LED Lamps
BL-L312 BETLUX-BL-L312 Datasheet
231Kb / 4P
   3mm Round Type LED Lamps
logo
Yellow Stone Corp
BB-B5171-C YSTONE-BB-B5171-C Datasheet
114Kb / 1P
   BLINKING LED LAMPS(ROUND TYPES)
logo
Kingbright Corporation
WP36BYD KINGBRIGHT-WP36BYD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
L-816BID KINGBRIGHT-L-816BID Datasheet
93Kb / 3P
   10mm ROUND, BLINKING LED LAMP
More results




O BetLux Electronics


BetLux Electronics is a Taiwanese-based company that specializes in the design and manufacture of LED products. The company was founded in 2005 and has since grown to become a leading supplier of LED components and lighting solutions.

BetLux Electronics offers a wide range of LED products, including through-hole LEDs, surface-mount LEDs, display LEDs, and high-power LEDs. The company's products are used in a variety of applications, such as automotive lighting, signage, backlighting, and general illumination.

One of the key strengths of BetLux Electronics is its commitment to innovation and quality. The company invests heavily in research and development to ensure that its products are at the forefront of LED technology. BetLux Electronics also has a strong focus on quality control, with all products undergoing rigorous testing to ensure that they meet the highest standards.

BetLux Electronics has a global network of distributors and partners, which allows it to provide excellent service and support to customers around the world. Overall, BetLux Electronics is a well-respected and established company that offers high-quality LED products and solutions.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com