Producent | Numer części | Arkusz danych | Szczegółowy opis |
TAI-SAW TECHNOLOGY CO.,... |
TA1699A
|
254Kb / 9P |
SAW Filter 2140MHz 60MHz BW SMD 1.1X0.9 mm
|
TA1696A
|
329Kb / 8P |
SAW Filter 1950MHz 60MHz BW SMD 1.4X1.1 mm
|
TA1695A
|
420Kb / 8P |
SAW Filter 1740MHz 60MHz BW SMD 1.4X1.1 mm
|
TA2630A
|
703Kb / 8P |
SAW Filter 1740 MHz (BW 60MHz) SMD 1.4X1.1 mm
|
TA1699B
|
477Kb / 11P |
SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
|
TA1699D
|
447Kb / 11P |
SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
|
TA1845A
|
553Kb / 9P |
SAW Filter 2140MHz 60MHz BW Band 4 Rx SMD 1.1x0.9 mm
|
TF0098A
|
383Kb / 12P |
SAW DPX 1950/2140MHz 60MHz BW Single type SMD 2.0횞1.6 mm
|
TA1818B
|
474Kb / 8P |
SAW Rx Filter 2140MHz LTE Band 1 SMD 1411 (60MHz BW)
|
TF0088A
|
324Kb / 13P |
Duplexer 1960/2140MHz 60MHz BW SMD 2.0횞1.6 mm
|