Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL24212IRTZ-EVALZ Arkusz danych (PDF) - Intersil Corporation

ISL24212IRTZ-EVALZ Datasheet PDF - Intersil Corporation
Numer części ISL24212IRTZ-EVALZ
Pobierz  ISL24212IRTZ-EVALZ Pobierz

Rozmiar pliku   465.62 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Programmable VCOM Calibrator with EEPROM and Output Buffer

ISL24212IRTZ-EVALZ Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL24212IRTZ-EVALZ Datasheet PDF - Intersil Corporation

Numer części ISL24212IRTZ-EVALZ
Pobierz  ISL24212IRTZ-EVALZ Click to download

Rozmiar pliku   465.62 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Programmable VCOM Calibrator with EEPROM and Output Buffer

ISL24212IRTZ-EVALZ Arkusz danych (HTML) - Intersil Corporation

Back Button ISL24212IRTZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL24212IRTZ-EVALZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL24212IRTZ-EVALZ Szczegóły Produktu

The ISL24212 is an 8-bit programmable current sink that can be
used in conjunction with an external voltage divider to generate a
voltage source (VCOM) positioned between the analog supply
voltage and ground. The current sink’s full-scale range is
controlled by an external resistor, RSET. With the appropriate
choice of external resistors R1 and R2, the VCOM voltage range
can be controlled between any arbitrary voltage range. The
ISL24212 has an 8-bit data register and 8-bit EEPROM for storing
both a volatile and a permanent value for its output, accessible
through a single up/down counter interface pin (CTL). After the
part is programmed with the desired VCOM value, the Counter
Enable pin (CE) can be grounded to prevent further changes. On
every power-up, the EEPROM contents are automatically
transferred to the data register and the pre-programmed output
voltage appears at the VCOM_OUT pin.
The ISL24212 also features an integrated, wide-bandwidth, high
output drive buffer amplifier that can directly drive the VCOM
input of an LCD panel.
The ISL24212 is available in an 10 Ld 3mm x 3mm TDFN
package. This package has a maximum height of 0.8mm for very
low profile designs. The ambient operating temperature range is
-40°C to +85°C.

Features
• Adjustable 8-bit, 256-Step, Current Sink Output
• 60MHz VCOM Buffer/Amplifier
• On-Chip 8-Bit EEPROM
• Up/Down Counter Interface
• Guaranteed Monotonic Over-Temperature
• 4.5V to 19.0V Analog Supply Range for Normal Operation
(10.8V Minimum Analog Supply Voltage for Programming)
• 2.25V to 3.6V Logic Supply Voltage Operating Range
• Pb-free (RoHS-compliant)
• Ultra-Thin 10 Ld TDFN (3x3x0.8mm max)

Applications
• LCD Panel VCOM Generator
• Electrophoretic Display VCOM Generator




Podobny numer części - ISL24212IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL24212IRTZ-EVALZ INTERSIL-ISL24212IRTZ-EVALZ Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Renesas Technology Corp
ISL24212IRTZ-EVALZ RENESAS-ISL24212IRTZ-EVALZ Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
More results


Podobny opis - ISL24212IRTZ-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
Intersil Corporation
ISL24211 INTERSIL-ISL24211 Datasheet
455Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24212 INTERSIL-ISL24212 Datasheet
468Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24211IRTZ INTERSIL-ISL24211IRTZ Datasheet
453Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
February 23, 2011
logo
Renesas Technology Corp
ISL24211 RENESAS-ISL24211 Datasheet
574Kb / 12P
   Programmable VCOM Calibrator with EEPROM and Output Buffer
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
   Programmable VCOM Calibrator with EEPROM
logo
Intersil Corporation
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
   Programmable VCOM Calibrator with EEPROM
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
   Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
   Programmable VCOM Calibrator with EEPROM
March 15, 2011
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
   Programmable VCOM Calibrator with EEPROM
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com