Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL28130CHZ-T7A Arkusz danych (PDF) - Intersil Corporation

ISL28130CHZ-T7A Datasheet PDF - Intersil Corporation
Numer części ISL28130CHZ-T7A
Pobierz  ISL28130CHZ-T7A Pobierz

Rozmiar pliku   864.72 Kbytes
Page   19 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers

ISL28130CHZ-T7A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL28130CHZ-T7A Datasheet PDF - Intersil Corporation

Numer części ISL28130CHZ-T7A
Pobierz  ISL28130CHZ-T7A Click to download

Rozmiar pliku   864.72 Kbytes
Page   19 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers

ISL28130CHZ-T7A Arkusz danych (HTML) - Intersil Corporation

Back Button ISL28130CHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28130CHZ-T7A Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL28130CHZ-T7A Szczegóły Produktu

The ISL28130, ISL28230 and ISL28430 are single, dual and
quad micropower, low offset drift operational amplifiers that
are optimized for single and dual supply operation from 1.8V
to 5.5V and ±0.9V to ±2.75V. Their low supply current of 20µA
and rail-to-rail input/output enable the ISL28130, ISL28230,
and ISL28430 to be an excellent general-purpose op amp for a
range of applications. The ISL28130, ISL28230 and ISL28430
are ideal for handheld devices that operate off 2AA or single
Li-ion batteries.
The ISL28130 is available in industry standard pinouts for 5 Ld
SOT-23, 5 Ld SC70 and 8 Ld SOIC packages. The ISL28230 is
available in industry standard pinouts for 8 Ld MSOP, 8 Ld
SOIC and 8 Ld DFN packages. The ISL28430 is available in
14 Ld TSSOP and 14 Ld SOIC packages. Commercial devices
operate over the temperature range of 0°C to 70°C. Full
temperature range devices operate over the temperature
range of -40°C to 125°C.

Features
• Low input offset voltage . . . . . . . . . . . . . . . . . . . . . 40µV, Max.
• Low offset drift . . . . . . . . . . . . . . . . . . . . . . . . .150nV/°C, Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . .250pA, Max.
• Quiescent current (per amplifier). . . . . . . . . . . . . . .20µA, Typ.
• Single supply range . . . . . . . . . . . . . . . . . . . . . .+1.8V to +5.5V
• Dual supply range . . . . . . . . . . . . . . . . . . . . . .±0.9V to ±2.75V
• Low noise (0.01Hz to 10Hz) . . . . . . . . . . . . . . . . 1.1µVP-P, Typ.
• Rail-to-rail inputs and output

Applications
• Bi-directional current sense
• Temperature measurement
• Medical equipment
• Electronic weigh scales
• Precision/strain gauge sensor
• Precision regulation
• Low Ohmic current sense
• High gain analog front ends




Podobny numer części - ISL28130CHZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28130CHZ-T7A INTERSIL-ISL28130CHZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7A INTERSIL-ISL28130CHZ-T7A Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7A INTERSIL-ISL28130CHZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130CHZ-T7A RENESAS-ISL28130CHZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Podobny opis - ISL28130CHZ-T7A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130_1012 INTERSIL-ISL28130_1012 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130 INTERSIL-ISL28130_10 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28130 RENESAS-ISL28130 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com