Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL22102IR20Z Arkusz danych (PDF) - Intersil Corporation

ISL22102IR20Z Datasheet PDF - Intersil Corporation
Numer części ISL22102IR20Z
Pobierz  ISL22102IR20Z Pobierz

Rozmiar pliku   270.49 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection

ISL22102IR20Z Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
ISL22102IR20Z Datasheet PDF - Intersil Corporation

Numer części ISL22102IR20Z
Pobierz  ISL22102IR20Z Click to download

Rozmiar pliku   270.49 Kbytes
Page   12 Pages
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Szczegółowy opis 32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection

ISL22102IR20Z Arkusz danych (HTML) - Intersil Corporation

Back Button ISL22102IR20Z Datasheet HTML 1Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 2Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 3Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 4Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 5Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 6Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 7Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 8Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 9Page - Intersil Corporation ISL22102IR20Z Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL22102IR20Z Szczegóły Produktu

The ISL22102 integrates two digitally controlled
potentiometers (DCP) with buffered wiper outputs and an
internal bias voltage generator (VB) on a monolithic CMOS
integrated circuit. The wiper position is adjusted by the user
through simple Up and Down push buttons, ideal for stereo
volume control in audio applications.
Each potentiometer is implemented using 31 polysilicon
resistors in a logarithmic array. Between each of the
resistors are tap points connected to the wiper terminal
through switches. When powered up, the wipers are reset to
the -20dB position.
In addition to the ISL22102’s low noise design, the ISL22102
also contains a zero-crossing detection circuitry to further
minimize click and pop noise during volume transition.
The internal VB generator of the ISL22102 provides a
precision middle scale voltage reference that reduces
external circuitry and simplifies application design.
The ISL22102 implements two power saving techniques for
power critical applications. It is a Standby Mode that can be
enabled to reduce the power consumption of the part when
DCP is not in use. The part also has Audio Detection
circuitry that provides an indication FLAG to external devices
and services. The FLAG can be delayed through D0, D1 and
D2 pin configuration. By connecting the FLAG to the standby
pin (SB), it will automatically put the part into Standby Mode.

Features
• Dual Audio Control – Two 32 Taps Log Pots
• Buffered Wiper Outputs
• Audio Detection with Threshold Input and Controlled
Delay
• Zero Amplitude Wiper Switching (ZAWS)
• Simple Push-button Interface
• Auto Increment/decrement After 1s Button Press
• Standby Mode
• Mute Function
• Total Resistance: 18.5k each DCP (Typical)
• Voltage Operation
- VCC = 2.7V to 5.5V
- AVCC = 2.7V to 5.5V
• Temp Range = -40°C to +85°C
• Package Options
- 20 Ld TSSOP
- 20 Ld QFN
• Pb-Free (RoHS Compliant)

Applications
• Set Top Boxes
• Stereo Amplifiers
• DVD Players
• Portable Audio Products




Podobny numer części - ISL22102IR20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22102IR20Z INTERSIL-ISL22102IR20Z Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102IR20Z RENESAS-ISL22102IR20Z Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
More results


Podobny opis - ISL22102IR20Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL22102 INTERSIL-ISL22102 Datasheet
197Kb / 11P
   32 Tap, Push-button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Renesas Technology Corp
ISL22102 RENESAS-ISL22102 Datasheet
550Kb / 12P
   32 Tap, Push-Button, Dual Audio Logarithmic Potentiometer with Buffer Amplifiers and Audio Detection
logo
Maxim Integrated Produc...
MAX5407 MAXIM-MAX5407 Datasheet
153Kb / 7P
   32-Tap Audio Logarithmic Taper Digital Potentiometer
Rev 0; 10/01
logo
Dallas Semiconductor
DS1801 DALLAS-DS1801 Datasheet
229Kb / 10P
   Dual Audio Taper Potentiometer
logo
Maxim Integrated Produc...
DS1801 MAXIM-DS1801 Datasheet
234Kb / 10P
   Dual Audio Taper Potentiometer
030300
logo
NXP Semiconductors
NCX8193 PHILIPS-NCX8193_15 Datasheet
281Kb / 21P
   Audio jack detection and configuration with false detection prevention
Rev. 2-21 November 2014
logo
Copal Electronics
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
   32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
   32-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
   32-Tap Digital Potentiometer
logo
Intersil Corporation
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
More results




O Intersil Corporation


Intersil Corporation była amerykańską firmą półprzewodników, która specjalizowała się w projektowaniu i produkcji wysokowydajnych obwodów zintegrowanych analogowych i mieszanych.
Firma została założona w 1967 r. I była znana ze swojej wiedzy specjalistycznej w zakresie zarządzania energią, konwersją danych i technologii częstotliwości radiowej (RF).
Produkty Intersil były używane w szerokiej gamie zastosowań, takich jak elektronika konsumpcyjna, przemysł, telekomunikacja oraz lotnica i obrona.
W 2016 r. Intersil został przejęty przez Renesas Electronics Corporation, japońską firmę półprzewodników.
Marka i technologia Intersil są nadal opracowywane i sprzedawane w ramach portfela produktów Renesas.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com