Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7175-2BRUZ-RL7 Arkusz danych (PDF) - Analog Devices

AD7175-2BRUZ-RL7 Datasheet PDF - Analog Devices
Numer części AD7175-2BRUZ-RL7
Pobierz  AD7175-2BRUZ-RL7 Pobierz

Rozmiar pliku   1205.09 Kbytes
Page   63 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers

AD7175-2BRUZ-RL7 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
AD7175-2BRUZ-RL7 Datasheet PDF - Analog Devices

Numer części AD7175-2BRUZ-RL7
Pobierz  AD7175-2BRUZ-RL7 Click to download

Rozmiar pliku   1205.09 Kbytes
Page   63 Pages
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices
Szczegółowy opis 24-Bit, 250 kSPS, Sigma-Delta ADC with 20 us Settling and True Rail-to-Rail Buffers

AD7175-2BRUZ-RL7 Arkusz danych (HTML) - Analog Devices

Back Button AD7175-2BRUZ-RL7 Datasheet HTML 1Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 2Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 3Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 4Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 5Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 6Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 7Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 8Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 9Page - Analog Devices AD7175-2BRUZ-RL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD7175-2BRUZ-RL7 Szczegóły Produktu

GENERAL DESCRIPTION
The AD7175-2 is a low noise, fast settling, multiplexed, 2-/4-channel (fully/pseudo differential) Σ-Δ analog-to-digital converter (ADC) for low bandwidth inputs. It has a maximum channel scan rate of 50 kSPS (20 µs) for fully settled data. The output data rates range from 5 SPS to 250 kSPS.

FEATURES
   Fast and flexible output rate: 5 SPS to 250 kSPS
   Channel scan data rate of 50 kSPS/channel (20 µs settling)
   Performance specifications
      17.2 noise free bits at 250 kSPS
      20 noise free bits at 2.5 kSPS
      24 noise free bits at 20 SPS
      INL: ±1 ppm of FSR
   85 dB rejection of 50 Hz and 60 Hz with 50 ms settling
   User configurable input channels
      2 fully differential channels or 4 single-ended channels
      Crosspoint multiplexer
   On-chip 2.5 V reference (±2 ppm/°C drift)
   True rail-to-rail analog and reference input buffers
   Internal or external clock
   Power supply: AVDD1 = 5 V, AVDD2 = IOVDD = 2 V to 5 V
      Split supply with AVDD1/AVSS at ±2.5 V
   ADC current: 8.4 mA
   Temperature range: −40°C to +105°C
   3- or 4-wire serial digital interface (Schmitt trigger on SCLK)
      Serial port interface (SPI), QSPI, MICROWIRE, and DSP
      compatible
  
APPLICATIONS
   Process control: PLC/DCS modules
   Temperature and pressure measurement
   Medical and scientific multichannel instrumentation
   Chromatography




Podobny numer części - AD7175-2BRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2BRUZ-RL7 AD-AD7175-2BRUZ-RL7 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
More results


Podobny opis - AD7175-2BRUZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7175-2 AD-AD7175-2_17 Datasheet
1Mb / 63P
   24-Bit, 250 kSPS, Sigma-Delta ADC Settling and True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2_17 Datasheet
988Kb / 61P
   32-Bit, 10 kSPS, Sigma-Delta ADC with Settling and True Rail-to-Rail Buffers
AD7175-8 AD-AD7175-8 Datasheet
1Mb / 64P
   24-Bit, 8-/16-Channel, 250 kSPS, Sigma- Delta ADC with True Rail-to-Rail Buffers
AD7177-2 AD-AD7177-2 Datasheet
956Kb / 59P
   32-Bit, 10 kSPS, Sigma-Delta ADC with 100 關s Settling and True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7172-4 AD-AD7172-4_17 Datasheet
848Kb / 62P
   ADC with True Rail-to-Rail Buffers
UG-478 AD-UG-478 Datasheet
3Mb / 40P
   Evaluation Board for the AD7176-2??4-Bit, 250 kSPS Sigma-Delta ADC with 20 關s Settling
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results




O Analog Devices


Analog Devices, Inc. (ADI) to spółka giełdowa, która projektuje, rozwija i produkuje obwody zintegrowane o wysokiej wydajności, mieszane i cyfrowe przetwarzanie sygnałów (DSP) (ICS).
Firma została założona w 1965 roku i ma siedzibę w Norwood w stanie Massachusetts.
ADI obsługuje szeroką gamę branż, w tym lotniska i obronę, motoryzację, komunikację, konsumenckie, przemysłowe, medyczne i testowe i pomiarowe.
Portfolio produktów firmy obejmuje między innymi konwertery danych, wzmacniacze i komparatory, ICS zarządzania energią, mikrokontrolery, czujniki i częstotliwość radiową (RF) oraz komponenty mikrofalowe.
ADI jest poświęcone innowacjom i zadowoleniu klientów i jest zaangażowana w dostarczanie swoim klientom wysokiej jakości, niezawodne rozwiązania w celu zaspokojenia ich potrzeb.
Koncentrując się na efektywności energetycznej i zrównoważonym rozwoju, ADI jest liderem w branży analogowej i mieszanej sygnału IC, kierując postępami technologicznymi i zapewniając innowacyjne rozwiązania najtrudniejszych problemów na świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com