Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1881-CDA Arkusz danych (PDF) - Gennum Corporation

GS1881-CDA Datasheet PDF - Gennum Corporation
Numer części GS1881-CDA
Pobierz  GS1881-CDA Pobierz

Rozmiar pliku   279.14 Kbytes
Page   14 Pages
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Szczegółowy opis Monolithic Video Sync Separators

GS1881-CDA Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
GS1881-CDA Datasheet PDF - Gennum Corporation

Numer części GS1881-CDA
Pobierz  GS1881-CDA Click to download

Rozmiar pliku   279.14 Kbytes
Page   14 Pages
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Szczegółowy opis Monolithic Video Sync Separators

GS1881-CDA Arkusz danych (HTML) - Gennum Corporation

Back Button GS1881-CDA Datasheet HTML 1Page - Gennum Corporation GS1881-CDA Datasheet HTML 2Page - Gennum Corporation GS1881-CDA Datasheet HTML 3Page - Gennum Corporation GS1881-CDA Datasheet HTML 4Page - Gennum Corporation GS1881-CDA Datasheet HTML 5Page - Gennum Corporation GS1881-CDA Datasheet HTML 6Page - Gennum Corporation GS1881-CDA Datasheet HTML 7Page - Gennum Corporation GS1881-CDA Datasheet HTML 8Page - Gennum Corporation GS1881-CDA Datasheet HTML 9Page - Gennum Corporation GS1881-CDA Datasheet HTML 10Page - Gennum Corporation Next Button 

GS1881-CDA Szczegóły Produktu

Description

The GS1881, GS4881 and GS4981 are general purpose sync separators for use in a wide variety of video applications. The devices extract the timing information from composite video signals with scan rates from 15 to 130kHz.

The GS1881 is a drop-in replacement for the industry standard LM1881 with much improved performance. The device generates composite sync, vertical sync, back porch and odd/even field signals. The GS4881 is identical to the GS1881 but features a noise immune back porch pulse which maintains a constant H rate during the vertical interval. The GS4981 is identical to the GS4881, except that it provides horizontal sync in place of the odd/even output.



Features

• noise tolerant odd/even flag, back porch and horizontal sync pulse

• fast recovery from impulse noise

• excellent temperature stability

• 0.5V to 4Vpp input signal amplitude with 5V supply

• well-controlled clamp discharge current and slicing level

• programmable horizontal scan rate (up to 130kHz)

• composite, vertical, back porch, odd/even (GS1881, GS4881), horizontal (GS4981) outputs

• predictable vertical output pulse width with default trigger for non-standard video signals

• Pb-free and Green

• 5V to 12V supply voltage range

• pin compatible with LM1881 sync separator



 




Podobny numer części - GS1881-CDA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1881 GENNUM-GS1881 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
More results


Podobny opis - GS1881-CDA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1881 GENNUM-GS1881_09 Datasheet
4Mb / 29P
   Monolithic Video Sync Separators
GS4882 GENNUM-GS4882 Datasheet
85Kb / 7P
   Video Sync Separators with 50% Sync Slicing
logo
Texas Instruments
LM1881MX TI1-LM1881MX Datasheet
1Mb / 18P
[Old version datasheet]   Video Sync Separator
logo
National Semiconductor ...
LM1881 NSC-LM1881_06 Datasheet
687Kb / 12P
   Video Sync Separator
LM1881 NSC-LM1881 Datasheet
303Kb / 12P
   LM1881 Video Sync Separator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
logo
National Semiconductor ...
54ACT715 NSC-54ACT715 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
More results




O Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com