Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SKB02N120 Arkusz danych (PDF) - Infineon Technologies AG

SKB02N120 Datasheet PDF - Infineon Technologies AG
Numer części SKB02N120_13
Pobierz  SKB02N120 Pobierz

Rozmiar pliku   615.49 Kbytes
Page   13 Pages
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Szczegółowy opis Fast IGBT in NPT-technology with soft, fast recovery anti-parallel Emitter Controlled Diode

SKB02N120 Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
SKB02N120 Datasheet PDF - Infineon Technologies AG

Numer części SKB02N120_13
Pobierz  SKB02N120 Click to download

Rozmiar pliku   615.49 Kbytes
Page   13 Pages
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Szczegółowy opis Fast IGBT in NPT-technology with soft, fast recovery anti-parallel Emitter Controlled Diode

SKB02N120 Arkusz danych (HTML) - Infineon Technologies AG

Back Button SKB02N120_13 Datasheet HTML 1Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 2Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 3Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 4Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 5Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 6Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 7Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 8Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 9Page - Infineon Technologies AG SKB02N120_13 Datasheet HTML 10Page - Infineon Technologies AG Next Button 

SKB02N120 Szczegóły Produktu

Fast IGBT in NPT-technology with soft, fast recovery anti-parallel Emitter Controlled Diode

Allowed number of short circuits: <1000; time between
   short circuits: >1s.
• lower Eoff compared to previous generation
• Short circuit withstand time – 10 s
• Designed for frequency inverters for washing machines,
   fans, pumps and vacuum cleaners
• NPT-Technology offers:
   - very tight parameter distribution
   - high ruggedness, temperature stable behaviour
   - parallel switching capability
• Pb-free lead plating; RoHS compliant
• Qualified according to JEDEC1 for target applications
• Complete product spectrum and PSpice Models : http://www.infineon.com/igbt/




Podobny numer części - SKB02N120_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
More results


Podobny opis - SKB02N120_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
SKB04N60 INFINEON-SKB04N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct. 07
SKP06N60 INFINEON-SKP06N60_07 Datasheet
467Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 07
SKP06N60 INFINEON-SKP06N60 Datasheet
459Kb / 15P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
SKW25N120 INFINEON-SKW25N120_08 Datasheet
329Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N60 INFINEON-SKB02N60_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.2 Oct. 07
SKW15N120 INFINEON-SKW15N120_08 Datasheet
348Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2_2 Sep 08
SKB02N120 INFINEON-SKB02N120_07 Datasheet
1Mb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Oct 07
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
SKW15N120 INFINEON-SKW15N120 Datasheet
415Kb / 13P
   FAST IGBT IN NPT-TECHNOLOGY WITH SOFT, FAST RECOVERY ANTI-PARALLEL EmCon DIODE
Jul-02
SKW30N60 INFINEON-SKW30N60 Datasheet
393Kb / 13P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Jul-02
More results




O Infineon Technologies AG


Infineon Technologies jest wiodącym globalnym producentem półprzewodników, który specjalizuje się w zapewnianiu rozwiązań zarządzania energią, bezpieczeństwem i kontrolą dla różnych branż, takich jak systemy motoryzacyjne, przemysłowe i komunikacyjne.
Firma została założona w 1999 roku i ma siedzibę w Neubiberg w Niemczech.
Infineon oferuje szeroką gamę produktów, w tym mikrokontrolery, półprzewodniki mocy, czujniki i inne zintegrowane obwody.
Firma ma silną obecność na rynku globalnym, z operacjami i obiektami w różnych krajach na całym świecie.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com