Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GY4102A Arkusz danych (PDF) - Gennum Corporation

GY4102A Datasheet PDF - Gennum Corporation
Numer części GY4102A
Pobierz  GY4102A Pobierz

Rozmiar pliku   117.28 Kbytes
Page   5 Pages
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Szczegółowy opis Fast Toggling Video Switch

GY4102A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
GY4102A Datasheet PDF - Gennum Corporation

Numer części GY4102A
Pobierz  GY4102A Click to download

Rozmiar pliku   117.28 Kbytes
Page   5 Pages
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation
Szczegółowy opis Fast Toggling Video Switch

GY4102A Arkusz danych (HTML) - Gennum Corporation

GY4102A Datasheet HTML 1Page - Gennum Corporation GY4102A Datasheet HTML 2Page - Gennum Corporation GY4102A Datasheet HTML 3Page - Gennum Corporation GY4102A Datasheet HTML 4Page - Gennum Corporation GY4102A Datasheet HTML 5Page - Gennum Corporation

GY4102A Szczegóły Produktu

Description
The GY4102A is a bipolar, monolithic SPDT video switch incorporating fast control logic. The analog signal path is characterised by low differential gain, low differential phase and low insertion loss, coupled with a ±0.1dB bandwidth of typically 100MHz into a 10pF load, using an external series resistor.

Features
• 20 ns switching time (toggle)
• make-before-break switching
• 100 MHz at ±0.1dB, bandwidth (flattened)
• Pb-free and Green
• typically 0.04 dB insertion loss at 1 MHz
• typically 0.03 % differential gain at 3.58 MHz
• typically 0.01 degree differential phase at 3.58 MHz

Applications
• Sub-pixel video switching
• Fast data sampling
• Modulation
• Special Effects video switching




Podobny numer części - GY4102A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GY4102A GENNUM-GY4102A Datasheet
1Mb / 11P
   Fast Toggling Video Switch
GY4102ACDA GENNUM-GY4102ACDA Datasheet
1Mb / 11P
   Fast Toggling Video Switch
GY4102ACKA GENNUM-GY4102ACKA Datasheet
1Mb / 11P
   Fast Toggling Video Switch
GY4102ACKAE3 GENNUM-GY4102ACKAE3 Datasheet
1Mb / 11P
   Fast Toggling Video Switch
GY4102A GENNUM-GY4102A_09 Datasheet
1Mb / 11P
   Fast Toggling Video Switch
More results


Podobny opis - GY4102A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GY4102A GENNUM-GY4102A_09 Datasheet
1Mb / 11P
   Fast Toggling Video Switch
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
STMicroelectronics
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2114 STMICROELECTRONICS-TEA2114 Datasheet
27Kb / 4P
   VIDEO SWITCH
September 1998
TEA2124 STMICROELECTRONICS-TEA2124 Datasheet
54Kb / 4P
   VIDEO SWITCH
September 1998
logo
Analog Devices
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7188BSTZ AD-ADV7188BSTZ Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. A
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results




O Gennum Corporation


Gennum Corporation was a semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits (ICs) for the video, audio, and data communications markets. The company was headquartered in Burlington, Ontario, Canada.

Gennum's products included ICs for high-speed serial interfaces, such as HDMI (High-Definition Multimedia Interface) and DisplayPort, as well as ICs for video and audio processing, timing, and synchronization. Their ICs were used in a variety of applications, including digital displays, consumer electronics, and professional broadcast equipment.

The company was founded in 1973 and became a publicly-traded company in 1997. In 2012, Gennum was acquired by Semtech Corporation, a leading supplier of analog and mixed-signal semiconductor products.

Overall, Gennum was a trusted and reputable supplier of high-performance analog and mixed-signal ICs, with a strong reputation for innovation, quality, and customer service.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com